Electronic Components Datasheet Search
  English  ▼

X  

ML670100 Datasheet(PDF) 16 Page - OKI electronic componets

Part # ML670100
Description  OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML670100 Datasheet(HTML) 16 Page - OKI electronic componets

Back Button ML670100 Datasheet HTML 12Page - OKI electronic componets ML670100 Datasheet HTML 13Page - OKI electronic componets ML670100 Datasheet HTML 14Page - OKI electronic componets ML670100 Datasheet HTML 15Page - OKI electronic componets ML670100 Datasheet HTML 16Page - OKI electronic componets ML670100 Datasheet HTML 17Page - OKI electronic componets ML670100 Datasheet HTML 18Page - OKI electronic componets ML670100 Datasheet HTML 19Page - OKI electronic componets ML670100 Datasheet HTML 20Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Semiconductor
ML670100
/ 27
16
ELECTRICAL CHARACTERISTICS
Absolute Maximum ratings
Item
Symbol
Condition
Rated Value
Unit
Power supply
VDD
-0.3 to 4.6
V
Input voltage
VIN
VDD=AVDD=VREF
-0.3 to VDD +0.3
Analog input voltage
VAI
GND=AGND=0V
-0.3 to AVDD +0.3
V
Output current
IO
12
mA
Power dissipation
PD
Ta=25V
850
mW
Storage temperature
TSTG
-
-55 to +150
°C
Recommended Operating Conditions
(Condition: GND=AGND=0V)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply
VDD
-
2.7
3.3
3.6
Analog power supply
AVDD
VDD=AVDD
2.7
3.3
3.6
V
Analog reference
voltage
VREF
-
AVDD-0.3
-
AVDD
Analog input voltage
VAI
-
AGND
-
VREF
Operating Frequency 1
fC1
VDD =3.0 to 3.6V, 1
4
-
25
Operating Frequency 2
fC2
VDD =2.7 to 3.6V, 2
4
-
20
MHz
Ambient temperature
Ta
-
-40
25
+85
°C
1
Basic clock frequency
from the oscillator
circuit or an external
clock signal
PLLEN Input
FSEL Input
Operating Frequency 1
fC1
4 - 6.25MHz
“H” level
“H” level (Connect to VDD)
4 - 25MHz
8 - 12.5MHz
(Connect to VDD)
“L” level (Connect to GND)
4 - 25MHz
4 - 25MHz
(External clock only)
“L” level
(Connect to GND)
“H” level (Connect to VDD)
or
“L” level (Connect to GND)
4 - 25MHz
2
Basic clock frequency
from the oscillator
circuit or an external
clock signal
PLLEN Input
FSEL Input
Operating Frequency 2
fC2
4 - 5MHz
“H” level
“H” level (Connect to VDD)
4 - 20MHz
8 - 10MHz
(Connect to VDD)
“L” level (Connect to GND)
4 - 20MHz
4 - 20MHz
(External clock only)
“L” level
(Connect to GND)
“H” level (Connect to VDD)
or
“L” level (Connect to GND)
4 - 20MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com