Electronic Components Datasheet Search
  English  ▼

X  

ML670100 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML670100
Description  OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML670100 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML670100 Datasheet HTML 3Page - OKI electronic componets ML670100 Datasheet HTML 4Page - OKI electronic componets ML670100 Datasheet HTML 5Page - OKI electronic componets ML670100 Datasheet HTML 6Page - OKI electronic componets ML670100 Datasheet HTML 7Page - OKI electronic componets ML670100 Datasheet HTML 8Page - OKI electronic componets ML670100 Datasheet HTML 9Page - OKI electronic componets ML670100 Datasheet HTML 10Page - OKI electronic componets ML670100 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Semiconductor
ML670100
/ 27
7
PIN DESCRIPTIONS (Cont.)
Type
Signal
Name
I/O
Direction
Description
Clock
control
OSC0
Input
This pin is for connecting a crystal oscillator. If an external
clock is used, supply it to this pin.
OSC1
Output
This pin is for connecting a crystal oscillator. If an external
clock is used, leave this pin open.
CLKOUT
Output
This output is the internal system clock signal.
FSEL
Input
Connect this pin to VDD or ground to indicate the frequency
range for the basic clock.
PLLEN
Input
Connect this pin to VDD to enable the built-in phase-looked
loop. If the PLL is not used because an external clock with a
guaranteed duty is available, connect this pin to ground.
VCOM
Input
This input controls the oscillation frequency of the PLL's
voltage-controlled oscillator. Connect it to ground.
System
control
nRST
Input
"L" level input to this pin produces an external system reset for
this LSI. "H" level input then causes execution to resume from
address 0x000000.
DBSEL
Input
During a system reset of this LSI, this input specifies the width
of the external data bus for bank 0. Connect this pin to VDD for
a data bus width of 16bits and to ground for 8bits.
nEA
Input
During a system reset of this LSI, this input controls the use of
the internal ROM. Connect this pin to VDD to enable the ROM
and to ground to disable it.
TEST
Input
During a system reset of this LSI, this input controls the initial
pin functions for the I/O port 8 pins(PIO8[7:0]). Connect this
pin to VDD to initialize the port for its secondary function, the
debugging interface, and to ground for I/O.
Power
Supply
VDD
Input
These pins are this LSI's power supply pins. Connect them all to
VDD.
GND
Input
These pins are this LSI's ground pins. Connect them all to
ground.
AVDD
Input
This pin is the analog-to-digital converter's power supply.
Connect it to VDD.
AGND
Input
This pin is the analog-to-digital converter's
ground pin.
Connect it to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com