Electronic Components Datasheet Search
  English  ▼

X  

ML670100 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML670100
Description  OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML670100 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML670100 Datasheet HTML 2Page - OKI electronic componets ML670100 Datasheet HTML 3Page - OKI electronic componets ML670100 Datasheet HTML 4Page - OKI electronic componets ML670100 Datasheet HTML 5Page - OKI electronic componets ML670100 Datasheet HTML 6Page - OKI electronic componets ML670100 Datasheet HTML 7Page - OKI electronic componets ML670100 Datasheet HTML 8Page - OKI electronic componets ML670100 Datasheet HTML 9Page - OKI electronic componets ML670100 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Semiconductor
ML670100
/ 27
6
PIN DESCRIPTIONS (Cont.)
Type
Signal
Name
I/O Direction Description
Analog-
to-digital
VREF
Input
This input is the reference voltage for the analog-to-digital
converter channels 7-0. Connect it to VDD.
converter AI[7:0]
Input
These are analog signal input pins for analog-to-digital
converter channels 7-0.
Debugg-
ing
TDI
Input
This input is the serial data input for the debugging scan circuit.
It represents a secondary function for I/O port PIO8[7].
interface TDO
Output
This output is the serial data output for the debugging scan
circuit.
It represents a secondary function for I/O port
PIO8[6].
nTRST
Input
"L" level input to this pin resets the debugging scan circuit.
It represents a secondary function for I/O port PIO8[5].
TMS
Input
This input selects the mode for the debugging scan circuit.
It represents a secondary function for I/O port PIO8[4].
TCK
Input
This input is the serial clock input for the debugging scan
circuit.
It represents a secondary function for I/O port
PIO8[3].
DBGEN
Input
"H" level input to this pin enables the CPU's debugging
function.
It represents a secondary function for I/O port
PIO8[2].
DBGRQ
Input
This input is a debugging request signal from an external
device.
It represents a secondary function for I/O port
PIO8[1].
DBGACK
Output
This output is an acknowledgment signal to a debugging
request signal from an external device. It represents a secondary
function for I/O port PIO8[0].
I/O ports PIO8[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO7[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO6[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO5[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO4[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO3[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO2[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO1[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.
PIO0[7:0]
Bidirectional These form an 8-bit I/O port. I/O directions are specified at the
bit level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com