Electronic Components Datasheet Search
  English  ▼

X  

ML670100 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML670100
Description  OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML670100 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML670100 Datasheet HTML 4Page - OKI electronic componets ML670100 Datasheet HTML 5Page - OKI electronic componets ML670100 Datasheet HTML 6Page - OKI electronic componets ML670100 Datasheet HTML 7Page - OKI electronic componets ML670100 Datasheet HTML 8Page - OKI electronic componets ML670100 Datasheet HTML 9Page - OKI electronic componets ML670100 Datasheet HTML 10Page - OKI electronic componets ML670100 Datasheet HTML 11Page - OKI electronic componets ML670100 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Semiconductor
ML670100
/ 27
8
OUTLINE of PERIPHERAL FUNCTIONS
I/O Ports
The I/O ports consist of nine 8-bit ports: PIOn(n=0 - 8). I/O directions are specified at the bit level. When
configured for input, the pins use high-impedance input.
Flexible Timer
The flexible timer consists of six 16-bit timer channels. Each channel offers independent choice of four
operating modes and of eight count clocks.
-Timer operating modes
- Auto-reload timer
- Compare output
- Pulse width modulation (PWM)
- Capture input
-Timer synchronization
- Timer channels can be started and stopped in union.
-External clocks
- Timer channels 0 and 1 accept external clock signals.
Time Base Generator
The time base generator consists of the time base counter, a frequency divider which derives the time base
signals for the on-chip peripherals from the system clock signals, and watchdog timer, which counts time
base clock cycles and produces a system reset signal when its internal counter overflows.
Asynchronous Serial Interface
The asynchronous serial interface is a serial port that frames each character of information with start and
stop elements. Parameters control transfer speed (using a dedicated baud rate generator), character length,
number of stop bits and use of parity.
-Built-in baud rate generator
-Character length: 7 or 8 bits
-Stop bits: 1 or 2
-Parity: none, odd, or even
-Error detection for receiving: parity, framing and overrun errors
-Full duplex operation
Clock Synchronous Serial Interface
The clock synchronous serial interface are two channels of serial ports that transmit 8-bit data
synchronized with internal or external clock signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com