Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 36 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 36 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 40Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
36
www.emmicroelectronic.com
10. ADC/SVLD Comparator characteristics
band-gag (360mV)
tested level
- comparator hyst.
Level
Comparator output
Comparator hysteresis is adaptive in 4 steps controlled by MSB of RegSVLDlev register to cover all tested
levels from 0.5V to 3.0V to give a typ. “tested level” hysteresis of 40mV.
Negative hysteresis on comparator is implemented to eliminate comparator output oscillation arround switching
point.
11. RAM
The EM6580 has one 80x4 bit static RAM built-in located on addresses hex 0 to 4F. All the RAM nibbles are
direct addressable.
Figure 24. RAM Architecture
RAM 80 x 4 = direct addressable
Adr [hex]
RAM location
Read / Write
4F
RAM_79
4 bit R/W
4E
RAM_78
4 bit R/W
4D
RAM_77
4 bit R/W
4B
RAM_76
4 bit R/W
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
04
RAM_04
4 bit R/W
03
RAM_03
4 bit R/W
02
RAM_02
4 bit R/W
01
RAM_01
4 bit R/W
00
RAM_00
4 bit R/W
RAM Extension : Unused R/W Registers can often be used as possible RAM extension. Be careful not to use
registers which start, stop, or reset some functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com