Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
11
www.emmicroelectronic.com
5. Oscillator and Prescaler
5.1 RC Oscillator or external Clock
EM6580 can use the internal RC oscillator or external clock source for its operation.
The built-in RC oscillator without external components generates the system operating clock for the CPU and
peripheral blocks. The RC oscillator is supplied by the regulated voltage.
The RC oscillator frequency can be chosen from 5 possibilities with a register with 2 basic frequencies.
These are typically 32kHz, 64kHz, 128kHz, 256kHz or 500kHz for 32kHz basic frequency or 50kHz, 100kHz,
200kHz, 400kHz or 800kHz for 50kHz basic frequency . Depending on the selected RC frequency. A special 4
stage freq. divider is available to be able to deliver to Prescaler which generates all System clock except CPU
clock, a frequency close to 32 or 50 kHz to keep the peripheral timing as close as possible to specifications.
After POR the circuit always starts with the internal RC oscillator, but it can be switched to the external clock by
setting the ExtCPUclkON bit in the register RegPresc. The external clock is input at PA[1] and must be in
range from min. 10Khz to max. 1MHz. With this external frequency input all timing for peripherals change and
the special 4 stage freq. divider must be adapted to best suit the applied external frequency to keep 32/50kHz
System clock as close as possible. The system clock must be less than 64kHz. The external clock source
must be a square wave with full amplitude from Vss to Vdd. See Table 5.2.2 for advised special divisions
depending on the external clock frequency.
Switching from internal RC oscillator to External clock or back from External clock to RC oscillator is made
without generating a glitch on the internal clock. Once the circuit is running on the external Clock one can
disable the RC oscillator by setting the RCoscOff bit in RegSCntl2 to ‘1’.
In sleep mode the oscillator is stopped. It can be stopped also by setting the RCoscOff bit. This bit can be set
only if ExtCPUClkOn was set before, indicating that the CPUck was switched from the internal RC oscillator to
the external clock which MUST be present. If the External Clock stops without going into Sleep mode first the
EM6580 can block and only POR can reset it.
Figure 8. below shows the connection of the RC oscillator and external clock and generation of CPUclk and
System clock = SysClk which is divided by the special 4 stage Freq. Divider if needed as described in 5.2 and
prescaler described in 5.3.
Figure 6. Clock source for CPU or system peripherals
MUX
RC oscillator
32kHz – 512kHz
50kHz - 800kHz
metal option selection
RCClk
External clock
10kHz – 800kHz
ExtCPUclkON
Frequency
divider
MUX
Automatic clock selection
SysClk = 32kHz or 50kHz
depending on selected
RCClk selection
CPUclk
PRESCALER
LOW 15 stages divider Ck[15:1]
MUX
foutSel[1:0]
MUX
Sout
PAout[2]
ResSys
PA[2]
To Peripherals
Ck[15:1]
SysClk
PA[1]
1
0
MUX
PAout[5]
PA[5]
Ck[1]
Ck[12]
SysClk
CpuClk
Ck[14]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com