Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
49
www.emmicroelectronic.com
17.2 Pull-up and Pull-down resistors (Typical)
17.3 Output current (Typical)
Pull-up Resistor vs. VDD
0
100
200
300
400
500
1.8
2.8
3.8
4.8
5.8
VDD[V]
95°C
25°C
-30°C
Pull-down Resistor vs. VDD
0
50
100
150
200
1.8
2.8
3.8
4.8
5.8
VDD[V]
95°C
25°C
-30°C
Output buffer current on PA0 vs. tem perature
-30
-20
-10
0
-40
-20
0
2040
6080
100
Tem perature[°C]
2.0V
3.0V
5.5V
VOH=VDD-1.0V
Output buffer current on PA1 vs. temperature
-40
-30
-20
-10
0
-40
-20
0
20
40
60
80
100
Temperature[°C]
2.0V
3.0V
5.5V
VOH=VDD-1.0V
Output buffer current on PA3 vs. temperature
-40
-30
-20
-10
0
-40
-20
0
20
40
60
80
100
Temperature[°C]
2.0V
3.0V
5.5V
VOH=VDD-1.0V
Output buffer current on PA0 vs. temperature
0
20
40
60
80
-40
-20
0
2040
6080
100
Tem perature[°C]
5.5V
3.0V
2.0V
VOL=1.0V
Output buffer current on PA1 vs. tem perature
0
50
100
150
-40
-20
0
20
40
60
80
100
Tem perature[°C]
5.5V
3.0V
2.0V
VOL=1.0V
Output buffer current on PA3 vs. tem perature
0
20
40
60
80
100
-40
-20
0
20
40
60
80
100
Tem perature[°C]
5.5V
3.0V
2.0V
VOL=1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com