Electronic Components Datasheet Search
  English  ▼

X  

EM6580 Datasheet(PDF) 40 Page - EM Microelectronic - MARIN SA

Part # EM6580
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580 Datasheet(HTML) 40 Page - EM Microelectronic - MARIN SA

Back Button EM6580 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6580 Datasheet HTML 44Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
40
www.emmicroelectronic.com
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
RegCCntl2
5C
92
0000
0: '0'
1: EnComp
2: EvCount
3: Start
0: Load
1: EnComp
2: EvCount
3: Start
10-bit counter control 2;
comparison, event counter and start
RegCDataL
5D
93
0000
0: Count[0]
1: Count[1]
2: Count[2]
3: Count[3]
0: CReg[0]
1: CReg[1]
2: CReg[2]
3: CReg[3]
10-bit counter
data low nibble
RegCDataM
5E
94
0000
0: Count[4]
1: Count[5]
2: Count[6]
3: Count[7]
0: CReg[4]
1: CReg[5]
2: CReg[6]
3: CReg[7]
10-bit counter
data middle nibble
RegCDataH
5F
95
0000
0: Count[8]
1: Count[9]
2: BitSel[0]
3: BitSel[1]
0: CReg[8]
1: CReg[9]
2: BitSel[0]
3: BitSel[1]
10-bit counter
data high bits
RegPA1
60
96
p000
0: PA[4]
1: PA[5]
2: OEnPA[5]
3: NchOpDrPA[5]
0: --
1: PAout[5]
2: OEnPA[5]
3: NchOpDrPA[5]
PortA [5:4]
Direct input read,
Output data register with
Output enable active Hi
RegPaCntl3
61
97
pppp
0: PWMoutPA[0]
1: PWMoutPA[1]
2: SerialCkPA [1]
3: SerialStPA [3]
PortA Control3
Output distribution on PA[0], PA[1]
and PA[3]
RegPaCntl4
62
98
ppPP
0: freqOutPA[2]
1: Sout/rstPA[2]
2: : freqOutPA[5]
3: NoPdPA[5]
PortA Control4
Output distribution on PA[2]
and PA[5]
RegIRQMask1
65
101
0000
0: MaskIRQPA[0/5]
1: MaskIRQPA[3/4]
2: MaskIRQCntComp
3: MaskIRQCount0
Port A & Counter
interrupt mask;
masking active 0
RegIRQMask2
66
102
0000
0: MaskIRQSerial
1: MaskIRQSvld
2: MaskIRQHz64/8
3: MaskIRQHz1
Prescaler, SVLD & serial interf.
interrupt mask;
masking active low
RegIRQ1
67
103
0000
0: IRQPA[0/5]
1: IRQPA[3/4]
2: IRQCntComp
3: IRQCount0
0:RIRQPA[0/5]
1:RIRQPA[3/4]
2:RIRQCntComp
3:RIRQCount0
Read: port A & Counter interrupt
Write: Reset IRQ if data bit = 1.
REgIRQ2
68
104
0000
0: IRQSerial
1: IRQSvld
2: IRQHz64/8
3: IRQHz1
0:RIRQSerial
1:RIRQSvld
2:RIRQHz64/8
3:RIRQHz1
Read: Prescaler, SVLD & serial
interface interrupt.
Write: Reset IRQ if data bit = 1
RegSysCntl1
69
105
000p
p = POR
0: ChTmDis
1: SelIntFull
2: '0'
3: IntEn
0: ChTmDis
1: SelIntFull
2: Sleep
3: IntEn
System control 1;
ChTmDis only usable only for EM
test modes
RegSysCntl2
6A
106
Pp00
p = POR
0: WDVal0
1: WDVal1
2: SleepEn
3: PORstatus
0: --
1: --
2: SleepEn
3: WDReset
System control 2;
watchdog value and periodical reset,
enable sleep mode
RegSleepCR
6B
107
pppp
p = POR
0: SCRsel0
1: SCRsel1
2: SleepCntDis
3: NoPullPA[4]
Sleep Counter reset control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com