Electronic Components Datasheet Search
  English  ▼

X  

EM6580WS11 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6580WS11
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6580WS11 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
3
www.emmicroelectronic.com
Table of Contents
FEATURES______________________________ 1
DESCRIPTION ___________________________ 1
EM6580 AT A GLANCE ____________________ 2
1.
PIN DESCRIPTION FOR EM6580 _______ 4
2.
OPERATING MODES ________________ 5
2.1
ACTIVE MODE_______________________ 5
2.2
STANDBY (HALT) MODE _______________ 5
2.3
SLEEP MODE _______________________ 5
3.
POWER SUPPLY____________________ 6
4.
RESET ____________________________ 7
4.1
POR WITH POWER-CHECK RESET_________ 8
4.2
INPUT PORT A RESET __________________ 9
4.3
DIGITAL WATCHDOG TIMER RESET ________ 9
4.4
SLEEP COUNTER RESET _______________ 10
4.5
WAKE-UP ON CHANGE ________________ 10
4.6
THE CPU STATE AFTER RESET __________ 10
5.
OSCILLATOR AND PRESCALER _____ 11
5.1
RC OSCILLATOR OR EXTERNAL CLOCK_____ 11
5.2
SPECIAL 4 STAGE FREQUENCY DIVIDER ____ 12
5.3
PRESCALER ________________________ 12
6.
INPUT AND OUTPUT PORT A ________ 14
6.1
INPUT / OUTPUT PORT OVERVIEW ________ 14
6.2
PORTA AS INPUT AND ITS MULTIPLEXING ___ 15
6.2.1
Debouncer __________________________15
6.2.2
IRQ on Port A _______________________16
6.2.3
Pull-up/down ________________________16
6.2.4
Software test variables ________________17
6.2.5
Port A for 10-Bit Counter _______________17
6.2.6
Port A Wake-Up on change_____________17
6.2.7
Port A for Serial Interface ______________17
6.2.8
Port A for External Reset_______________17
6.2.9
Port PA[4] as Comparator Input _________17
6.2.10
Reset and Sleep on Port A _____________17
6.2.11
Port A Blocked Inputs _________________17
6.3
PORTA AS OUTPUT AND ITS MULTIPLEXING _ 18
6.3.1
CMOS / Nch. Open Drain Output ________18
6.4
PORT A REGISTERS___________________ 19
7.
SERIAL PORT _____________________ 21
7.1
GENERAL FUNCTIONAL DESCRIPTION______ 22
7.2
DETAILED FUNCTIONAL DESCRIPTION______ 22
7.2.1
Output Modes _______________________23
7.3
SERIAL INTERFACE REGISTERS __________ 25
8.
10-BIT COUNTER __________________ 26
8.1
FULL AND LIMITED BIT COUNTING ________ 26
8.2
FREQUENCY SELECT AND UP/DOWN COUNTING27
8.3
EVENT COUNTING____________________ 28
8.4
PULSE WIDTH MODULATION (PWM) ______ 28
8.4.1
How the PWM Generator works. _________29
8.4.2
PWM Characteristics__________________30
8.5
COUNTER SETUP _____________________ 30
8.6
10-BIT COUNTER REGISTERS ____________ 31
9.
SUPPLY VOLTAGE LEVEL DETECTOR /
4-BIT ADC ______________________________ 33
10.
ADC/SVLD COMPARATOR
CHARACTERISTICS ______________________ 36
11.
RAM _____________________________ 36
12.
INTERRUPT CONTROLLER __________ 37
12.1 INTERRUPT CONTROL REGISTERS _________ 38
13.
PERIPHERAL MEMORY MAP _________ 39
14.
MASK OPTIONS____________________ 42
14.1 PORT A METAL OPTIONS _______________ 42
14.2 RC OSCILLATOR FREQUENCY OPTION ______ 42
14.3 DEBOUNCER FREQUENCY OPTION ________ 43
14.4 POWER-CHECK LEVEL OPTION ___________ 43
14.5 ADC/SVLD VOLTAGE LEVEL #15 _________ 43
14.6 COUNTER UPDATE OPTION ______________ 43
14.7 VOLTAGE REGULATOR LEVEL OPTION ______ 43
14.8 ADDITIONAL REGISTERS COMPARE TO EM668044
15.
RC OSCILLATOR ___________________ 45
15.1 FREQUENCY SELECTION ________________ 45
15.2 OSCILLATOR TRIMMING ________________ 46
16.
UNIQUE ID CODE / SERIAL NUMBER __ 47
17.
TEMPERATURE AND VOLTAGE
BEHAVIOUR ____________________________ 48
17.1 IDD CURRENT (TYPICAL) _______________ 48
17.2 PULL-UP AND PULL-DOWN RESISTORS
(TYPICAL) __________________________ 49
17.3 OUTPUT CURRENT (TYPICAL) ____________ 49
17.4 OSCILLATOR FREQUENCY (TYPICAL) _______ 50
18.
ELECTRICAL SPECIFICATION ________ 51
18.1 ABSOLUTE MAXIMUM RATINGS ___________ 51
18.2 HANDLING PROCEDURES _______________ 51
18.3 STANDARD OPERATING CONDITIONS _______ 51
18.4 DC CHARACTERISTICS - POWER SUPPLY ___ 51
18.5 SUPPLY VOLTAGE LEVEL DETECTOR _______ 52
18.6 DC CHARACTERISTICS - I/O PINS _________ 52
18.7 RC OSCILLATOR FREQUENCY ____________ 53
18.8 SLEEP COUNTER RESET - SCR __________ 53
19.
PAD LOCATION DIAGRAM ___________ 54
20.
PACKAGE DIMENSIONS_____________ 54
20.1 SO-8/14 ___________________________ 54
21.
ORDERING INFORMATION___________ 55
21.1 PACKAGE MARKING ___________________ 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com