Electronic Components Datasheet Search
  English  ▼

X  

EM6580WS11 Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # EM6580WS11
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button EM6580WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 18Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
14
www.emmicroelectronic.com
6. Input and Output port A
The EM6580 has:
- port PA[3:0], one 4-bit input/output port
- port PA[4], one 1 bit input port.
- port PA[5], one 1 bit input/output. (not available in 8-pin package).
Pull-up and Pull-down resistors can be added to all these ports with register options.
6.1 Input / Output Port Overview
Table 6.1.1 Input and Output port overview
PA[0]
PA[1]
PA[2]
PA[3]
PA[4]
PA[5]*
Pin in 8pin package
1
2
3
4
6
NC*
General I/O
I/O
I/O
I/O
I/O
I
I/O
Serial interface
Sin I
Sclk I/O
Sout O
Rdy/CS O
--
--
WakeUp on change
yes* I
--
--
yes* I
yes* I
yes* I
Softw. pullUp/Down
Yes
yes
yes
yes
yes
yes
Register option pullUp/Down
--
--
--
--
yes
--
Timer input
--
yes I
--
yes* I
yes* I
--
Irq debounce & edge select.
yes* I
--
--
yes* I
yes* I
yes* I
CPU soft. variable input
yes* I
--
--
yes* I
yes* I
yes* I
Analogue compare Input
--
--
--
--
yes I
--
External reset input
--
--
--
yes* I
yes* I
--
External CPU clock input
--
yes I
--
--
--
--
PWM timer out
yes O
yes O
--
--
--
--
freq. Output (RC, 2kHz, 1Hz)
--
--
yes* O
--
--
yes* O
CPU reset condition
--
--
yes O
--
--
--
NC* – Pad PA[5] is Not Connected in 8-pin package, available on 14-pin and in die form
Register option –
Refer to RegMFP1 table chapter 14.8
As shown in Figure 10, Logic for the Wake up on change reset which is possible only from Sleep mode,
Debouce and IRQ function on Rising or falling edge are implemented only twice but can be attached and
configured by registers to 4 different pads when used as inputs.
Ports PA[0] and PA[5] can be configured to have wakeup on Change, and debounced or non-debounced IRQ
on the falling or rising edge. The same function is available on ports PA[3] or PA[4] which in addition can be
dedicated to input reset . Registers RegPACntl1 and RegPACntl2 make this selection.
Table 6.1.2 Register RegPACntl1
Bit
Name
POR
R/W
Description
3
DebounceNoPA[3/4]
0
R/W
Debounce on when Low for PA[3/4] input
2
DebounceNoPA[0/5]
0
R/W
Debounce on when Low for PA[0/5] input
1
EdgeFallingPA[3/4]
0
R/W
IRQ edge selector for interrupt from PA[3/4] input
0
EdgeFallingPA[0/5]
0
R/W
IRQ edge selector for interrupt from PA[0/5] input
* Default is debouncer On and Rising edge for IRQ
Table 6.1.3 Register RegPACntl2
Bit
Name
POR
R/W
Description
3
WUchEnPA[3/4]
0
R/W
Wake/Up on change EN on PA[3] or PA[4]
2
WUchEnPA[0/5]
0
R/W
Wake/Up on change EN on PA[0] or PA[5]
1
IrqPA[3l/4h]
0
R/W
PA[3] if Low / PA[4] if High for IRQ source
0
IrqPA[0l/5h]
0
R/W
PA[0] if Low / PA[5] if High for IRQ source
* Default: No wake Up on change and IRQ source, or reset and timer input, would be PA[3], PA[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com