Electronic Components Datasheet Search
  English  ▼

X  

EM6580WS11 Datasheet(PDF) 28 Page - EM Microelectronic - MARIN SA

Part # EM6580WS11
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 28 Page - EM Microelectronic - MARIN SA

Back Button EM6580WS11 Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 32Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
28
www.emmicroelectronic.com
8.3 Event Counting
The counter can be used in a special event count mode where a certain number of events (clocks) on the PA[1]
(only non-debounced and only rising edge) or PA[3/4] input are counted. In this mode the counting will start
directly on the next active clock edge on the selected port A input.
Figure 18. Internal Clock Synchronization
The Event Count mode is switched on by setting bit EvCount in the register RegCCntl2 to ‘1’. PA[3] or PA[4]
input depending on IrqPA[3l/4h] bit in RegPaCntl1 can be inverted depending on edgeFallingPA[3/4] in
register RegPaCntl1 and should be debounced. The debouncer is switched on with debounceNoPA[3/4] at ‘0’
in the same register. Its frequency depends on the bit DebSel from register RegPresc setting. Refer also to
Figure 10 for PortA Inputs Function. As already said for other PA[1] input only possibility is to count rising non-
debounced edges.
A previously loaded register value (CReg[9:0]) can be compared against the actual counter value
(Count[9:0]). If the two are matching (equality) then an interrupt (IRQComp) is generated. The compare
function is switched on with the bit EnComp in the register RegCCntl2. With EnComp = 0 no IRQComp is
generated. Starting the counter with the same value as the compare register is possible, no IRQ is generated
on start. Full or Limited bit compare are possible, defined by bit SelIntFull in register RegSysCntl1.
EnComp must be written after a load operation (Load = 1). Every load operation resets the bit EnComp.
Full bit compare function.
Bit SelIntFull is set to ‘1’. The function behaves as described above independent of the selected counter
length. Limited bit counting together with full bit compare can be used to generate a certain amount of
IRQCount0 interrupts until the counter generates the IRQComp interrupt. With PWMOn=‘1’ the counter would
have automatically stopped after the IRQComp, with PWMOn=‘0’ it will continue until the software stops it.
EnComp must be cleared before setting SelIntFull and before starting the counter again. Be careful,
PWMoutPA[0] also redefines the port PA[0] or PWMoutPA[1] the PA[1] output data. (refer to section 8.4).
The signal PWMOn is acombination of PWMOutPA[0], PWMOutPA[1], SerialCkPA[1]
PWMOn = (PWMOutPA[0] OR PWMOutPA[1]) AND NOT(SeriaCktPA[1]))
Limited bit compare
With the bit SelIntFull set to ‘0’ (default) the compare function will only take as many bits into account as
defined by the counter length selection BitSel[1:0] (see chapter 6.3).
8.4 Pulse Width Modulation (PWM)
The PWM generator uses the behavior of the Compare function (see above) so EnComp must be set to
activate the PWM function.. At each Roll Over or Compare Match the PWM state - which is output on port
PA[0] or PA[1] - will toggle. The start value on PA[0] or PA[1] is forced while EnComp is 0 the value is
depending on the up or down count mode. Every counter value load operation resets the bit EnComp and
therefore the PWM start value is reinstalled.
One can output PWM signal to PA[0] or PA[1]. Setting PWMoutPA[0] to ‘1’ in register RegPaCntl3 routes the
counter PWM output to PA[0]. Insure that PA[0] is set to output mode. Setting PWMoutPA[1] to ‘1’ in register
RegPaCntl3 routes the counter PWM output to PA[1]. Insure that PA[1] is set to output mode. Refer to section
6.3 and 6.4 for the port A output setup.
Ck
Start
Count[9:0
]
+ / - 1
+ / - 1
EvCount = 0
Ck
Start
EvCount = 0
Ck
Start
EvCount = 1
Ck
Start
EvCount = 1
Count[9:0
]
+ / - 1
Count[9:0
]
Count[9:0
]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com