Electronic Components Datasheet Search
  English  ▼

X  

EM6580WS11 Datasheet(PDF) 39 Page - EM Microelectronic - MARIN SA

Part # EM6580WS11
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 39 Page - EM Microelectronic - MARIN SA

Back Button EM6580WS11 Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 43Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
39
www.emmicroelectronic.com
13. PERIPHERAL MEMORY MAP
Reset values are valid after power up or after every system reset.
Register
Name
Add
Hex
Add
Dec.
Reset
Value
Read Bits
Write Bits
Remarks
b'3210
Read / Write Bits
Ram1_0
00
0
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Direct addressable
Ram 80 x 4 bit
Ram1_63
4F
79
xxxx
0: Data0
1: Data1
2: Data2
3: Data3
Direct addressable
Ram 80 x 4 bit
RegPA0
50
80
0000
0: PA[0]
1: PA[1]
2: PA[2]
3: PA[3]
0: PAout[0]
1: PAout[1]
2: PAout[2]
3: PAout[3]
PortA [3:0]
Direct input read,
Output data register
RegPa0OE
51
81
0000
0
= after
PORend
0: OEnPA[0]
1: OEnPA[1]
2: OEnPA[2]
3: OEnPA[3]
PortA [3:0]
Output enable active Hi,
RegPaCntl1
52
82
pppp
p = POR
0: EdgeFallingPA[0/5]
1: EdgeFallingPA[3/4]
2: debunceNoPA[0/5]
3: debunceNoPA[3/4]
PortA [3:0] control1
Debounce Yes/No &
Faling / Rising edge
RegPaCntl2
53
83
pppp
p = POR
0: IrqPA[0l/5h]
1: IrqPA[3l/4h]
2: WUchEnPA[0/5]
3: WUchEnPA[3/4]
PortA [3:0] control2
WakeUp on change enable &
Irq source from PA select
Pa0noPDown
54
84
pppp
p = POR
0: NoPdPA[0]
1: NoPdPA[1]
2: NoPdPA[2]
3: NoPdPA[3]
Option register
Pull/down selection on PA[3:0]
Default : pull-down ON
Pa0NchOpenDr
55
85
pppp
p = POR
0: NchOpDrPA[0]
1: NchOpDrPA[1]
2: NchOpDrPA[2]
3: NchOpDrPA[3]
Option register
N/channel Open Drain
Output on PA[3:0]
Default : CMOS output
RegFreqRst
56
86
ppxx
0: foutSel[0]
1: foutSel[1]
2: PA[3/4]resIn
3: InResAH
Output Frequency select
and Input reset Control
RegSCntl1
57
87
0000
0: MSBnLSB
1: POSnNeg
2: MS0
3: MS1
Serial interface
control 1
RegSCntl2
58
88
0000
0: OM[0]
1: RCoscOff
2: Status
3: Start
Serial interface
control 2
RegSDataL
59
89
0000
0: SerDataL[0]
1: SerDataL[1]
2: SerDataL[2]
3: SerDataL[3]
Serial interface
low data nibble
RegSDataH
5A
90
0000
0: SerDataH[0]
1: SerDataH[1]
2: SerDataH[2]
3: SerDataH[3]
Serial interface
high data nibble
RegCCntl1
5B
91
0000
0: CountFSel0
1: CountFSel1
2: CountFSel2
3: Up/Down
10-bit counter
control 1;
frequency and up/down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com