Electronic Components Datasheet Search
  English  ▼

X  

EM6580WS11 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6580WS11
Description  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6580WS11 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
10
www.emmicroelectronic.com
4.4 Sleep Counter Reset
To profit the most from Low Power Sleep Mode and still supervise the circuit surrounding, one can enable the
Sleep Counter Reset which only runs in Sleep mode and periodically wakes up the EM6580. Four (4) different
Wake-Up periods are possible as seen in table below.
Control bits SleepCntDis which is set to default ‘0’by POR enables the Sleep Counter when the circuit goes
into Sleep mode. The SCRsel1, SCRsel0 bits that are used to determine Wake-Up period are in the
RegSleepCR register. To disable the Sleep Counter in Sleep mode SleepCntDis must be set to ‘1’.
Table 4.4.2 Register RegSleepCR
Bit
Name
Reset
R/W
Description
3
NoPullPA[4]
0 por
R/W
Remove pull-up/down from PA[4] input
2
SleepCntDis
0 por
R/W
Disable Sleep Reset Counter when Hi
1
SCRsel1
0 por
R/W
Selection bit 1 for Sleep RCWake-Up period
0
SCRsel0
0 por
R/W
Selection bit 0 for Sleep RCWake-Up period
Table 4.4.3 Wake-Up period from Sleep selection
SCRsel1
SCRsel0
Sleep Reset Counter periods
0
0
1.5 internal low speed RC clock periods
0
1
15.5 internal low speed RC clock periods
1
0
127.5 internal low speed RC clock periods
1
1
1023.5 internal low speed RC clock periods
Refer to table 18.8 or the actual SCR timeout period timings
Sleep Counter Reset (SCR) uses the same prescaler (see chapter 5.3) as the System Clock in Active and
StandBy mode. Prescaler reset is made automatically just before going into Sleep mode if SCR is enable.
This causes the Sleep Reset Counter to have its specified period.
4.5 Wake-Up on Change
By writing the WUchEn[0/5] and/or WUchEn[3/4] bit in RegPaCntl2 registers the PA[0] or PA[5] and/or PA[3]
or PA[4] can generate a reset from sleep on any polarity change on a selected pin. The port selection is
defined with bits IrqPA[0l/5h] and IrqPA[3l/4h]. See chapter 6 and Figure 10 for more details.
4.6 The CPU State after Reset
Reset initializes the CPU as shown in Table 4.6.1 below.
Table 4.6.1 Initial CPU value after Reset.
Name
Bits
Symbol
Initial Value
Program counter 0
12
PC0
$000 (as a result of Jump 0)
Program counter 1
12
PC1
Undefined
Program counter 2
12
PC2
Undefined
Stack pointer
2
SP
SP[0] selected
Index register
7
IX
Undefined
Carry flag
1
CY
Undefined
Zero flag
1
Z
Undefined
Halt
1
HALT
0
Instruction register
16
IR
Jump 0
Periphery registers
4
Reg.....
See peripheral memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com