Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 3 Page - Renesas Technology Corp

  X80201 Datasheet HTML 1Page - Renesas Technology Corp X80201 Datasheet HTML 2Page - Renesas Technology Corp X80201 Datasheet HTML 3Page - Renesas Technology Corp X80201 Datasheet HTML 4Page - Renesas Technology Corp X80201 Datasheet HTML 5Page - Renesas Technology Corp X80201 Datasheet HTML 6Page - Renesas Technology Corp X80201 Datasheet HTML 7Page - Renesas Technology Corp X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 3 of 16
January 21, 2005
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature under bias . . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on given pin (Power Sequencing Functions):
All VDD pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Power Sequencing Control Circuits Over the recommended operating conditions unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CHARACTERISTICS – Undervoltage Lockout Comparators
VDDH
Supply Operating Range
3.05
5.5
V
VDDM
Supply Operating Range
0.95
5.5
V
VDDL
Supply Operating Range
0.95
5.5
V
IDDH
Supply Current
VDDH = 5.5V
2.5
mA
IDDH
Supply Current
VDDH = 3.1V
200
µA
UVLOH
Undervoltage lockout for VDDH
X80200
4.425
4.5
4.575
V
X80201
4.425
4.5
4.575
V
X80202
2.95
3.0
3.05
V
X80203
2.95
3.0
3.05
V
X80204
2.95
3.0
3.05
V
UVLOM
Undervoltage lockout for VDDM
X80200
2.2
3.0
3.05
V
X80201
2.2
2.25
2.3
V
X80202
2.2
2.25
2.3
V
X80203
2.2
2.25
2.3
V
X80204
0.875
0.9
0.925
V
UVLOL
Undervoltage lockout for VDDL
X80200
0.875
0.9
0.925
V
X80201
0.875
0.9
0.925
V
X80202
1.65
1.7
1.75
V
X80203
0.875
0.9
0.925
V
X80204
0.875
0.9
0.925
V
VHYS
UVLOH,M,L comparator Hysteresis
30
mV
DC CHARACTERISTICS – Gates and Others
VIH
Voltage Input Valid High for
ENS, SETV, GATEH_EN
VDDH x
0.7
VDDH + 0.5
V
VIL
Voltage Input Valid Low for
ENS, SETV, GATEH_EN
-0.5
VDDH x 0.3
V
VOL
Output LOW Voltage
(SDA, READY)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com