Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X80201 Datasheet HTML 6Page - Renesas Technology Corp X80201 Datasheet HTML 7Page - Renesas Technology Corp X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp X80201 Datasheet HTML 10Page - Renesas Technology Corp X80201 Datasheet HTML 11Page - Renesas Technology Corp X80201 Datasheet HTML 12Page - Renesas Technology Corp X80201 Datasheet HTML 13Page - Renesas Technology Corp X80201 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 10 of 16
January 21, 2005
Register Information
The Register Block is organized as follows:
• Status Register (SR) (1 Byte). Located at address 00h.
• Remote Shut Down Register (RSR) (1 Byte). Located at
address FFh.
The Status Register provides the user a mechanism for
checking the status of GATE_H, GATE_M and GATE_L. These
bits are volatile and are read only.
The gate status values in the Status Register can be read at
any time by performing a random read operation. Only one
byte is returned by each read operation. The master should
supply a stop condition following the output byte to be
consistent with the bus protocol.
STAT_GATEH: GATEH Status Flag (volatile)
STAT_GATEH will be set to ‘1’ when the GATE_H charge
pump is turned on. It will be reset to ‘0’ when the GATE_H
charge pump is turned off.
STAT_GATEM: GATEM Status Flag (volatile)
STAT_GATEM will be set to ‘1’ when GATE_M charge pump is
turned on. It will be reset to ‘0’ when the GATE_M charge
pump is turned off.
STAT_GATEL: GATEL Status Flag (volatile)
STAT_GATEL will be set to ‘1’ when GATE_L charge pump is
turned on. It will be reset to ‘0’ when the GATE_L charge pump
is turned off.
The status register also contains a WEL bit that controls write
operations to the Shutdown Register. Bits 7, 6, 5, and 4 should
always be set to ‘0’.
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the Remote Shutdown
Register (RSR). This bit is a volatile latch that powers up in the
LOW (disabled) state. While the WEL bit is LOW, writes to the
RSR will be ignored (no acknowledge will be issued after the
Data Byte). The WEL bit is set by writing a “1” to the WEL bit
and zeroes to the other bits of the status register.
The X80200 provides the user with a software shutdown of
GATE_H, GATE_L and GATE_M. This over-rides the normal
output control.
A write operation with data 01h to the RSR will immediately
turn off GATE_M followed by GATE_L. The GATE_L turn off is
delayed by tDELAY_DOWN.
A write operation with data 02 to the RSR will turn off GATE_H.
A write operation with data 03 to RSR will shutdown all gates.
GATE_H turn off at the same time as GATE_M. GATE_L turns
off after a delay of tDELAY_DOWN.
A write operation with data 00h to the RSR will remove the
software override function. Assuming all supplies are good, the
X80200 will return to the previous state by first turning on
GATE_H and GATE_L. Then, GATE_M is turned on according
to the power sequencing mode chosen.
Bits 7, 6, 5, 4, 3 and 2 of the Remote Shutdown Register
should always be set to ‘0’.
The data in the RSR can be read by performing a random read
operation to the RSR. The data in the RSR powers up in ‘0’
state.
Bus Interface Information
Interface Conventions
The device supports a bidirectional bus oriented protocol. The
protocol defines any device that sends data onto the bus as a
transmitter, and the receiving device as the receiver. The
device controlling the transfer is called the master and the
device being controlled is called the slave. The master always
initiates data transfers, and provides the clock for both transmit
and receive operations. Therefore, the devices in this family
operate as slaves in all applications.
SERIAL CLOCK AND DATA
Data states on the SDA line can change only during SCL LOW.
SDA state changes during SCL HIGH are reserved for
indicating start and stop conditions. (See Figure 7.)
Status Register (Volatile)
7
6
5
4
321
0
00
00
STAT_
GATEH
STAT_
GATEM
STAT_
GATEL
WEL
Remote Shutdown Register (RSR) (Volatile)
RSR
DATA
GATE
SHUTDOWN
SEQUENCE
01
GATE_M,
GATE_L
GATE_M turns off, then after time
tDELAY_DOWN GATE_L turns off.
02
GATE_H
Immediate turn off of GATE_H
03
GATE_H,
GATE_M,
GATE_L
GATE_H and GATE_M turn off, then after
time tDELAY_DOWN GATE_L turns off.
00
no override
X80200 returns to previous condition,
assuming all supplies are good, GATE_H
and GATE_L turn on, then GATE_M turns
on according to the chosen sequence
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com