Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X80201 Datasheet HTML 1Page - Renesas Technology Corp X80201 Datasheet HTML 2Page - Renesas Technology Corp X80201 Datasheet HTML 3Page - Renesas Technology Corp X80201 Datasheet HTML 4Page - Renesas Technology Corp X80201 Datasheet HTML 5Page - Renesas Technology Corp X80201 Datasheet HTML 6Page - Renesas Technology Corp X80201 Datasheet HTML 7Page - Renesas Technology Corp X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 2 of 16
January 21, 2005
Functional Diagram
GATEH_EN
GATE_L
SCL
VDDH
VFB
DNC
GATE_M
GATE_H
18
17
16
15
14
11
13
10
9
45
6
7
8
+
–
CORE-UP-FIRST
CORE-DOWN-LAST
UVLOH
UVLOM
UVLOL
OSC
CHARGE
PUMP_M
CHARGE
PUMP_H
CHARGE
PUMP_L
GND
A1
A2
NC
SDA
STATUS REGISTER
REMOTE SHUTDOWN REGISTER
2-WIRE
READY
VDDM
VDDL
SETV
REF
A0
19
20
1
2
3
ENS
12
INTERFACE
Pin Descriptions
PIN
NAME
DESCRIPTION
1
SETV
Set Voltage. This pin is used for voltage based power sequencing of supplies VDDM and VDDL.
If unused connect to ground.
2
REF
Reference voltage. This pin is used for voltage based sequencing. The voltage on this pin is compared to the voltage on the
VFB pin and provides the threshold for turn on of the GATE_M output. Either a voltage source or external resistor divider can
be used to provide the reference. If time based sequencing is used this pin should be tied to VDDH.
3
A0
Slave address pin assignment. It has an Internal pull down resistor. (>10M
 typical)
4
GND
Voltage Ground.
5
A1
Slave address pin assignment. It has an Internal pull down resistor. (>10M
 typical)
6
A2
Slave Address pin assignment. It has an Internal pull down resistor. (>10M
 typical)
7
NC
No internal connections.
8
SDA
Serial bus data input/output pin.
9
SCL
Serial bus clock input pin.
10
READY
READY Output Pin: This open-drain output pin goes LOW while VDDH is below UVLOH and remains LOW for tPURST after
VDDH goes above UVLOH. READY goes HIGH after tPURST.
11
GATEH_EN GATE_H Enable. When this pin is HIGH and VDDH > UVLOH the charge pump of the GATE_H pin turns on and the output
drives HIGH. When this pin is LOW, the charge pump is disabled and the GATE_H output is LOW. An external RC time delay
can be connected between the enable signal and this pin to delay the GATE_H turn on.
12
ENS
Enable Sequence. This pin is used for time-based power sequencing of supplies VDDM and VDDL. If unused, connect to ground.
13
GATE_L
GATE_L Output: This output is connected to the gate of an (external) Power Switch “L”. The GATE_L pin is driven HIGH when
charge pump L is enabled and pulled LOW when the charge pump is disabled.
14
GATE_H
GATE_H Output: This output is connected to the gate of a (external) Power Switch “H”. The GATE_H pin driven HIGH when
charge pump H is enabled and pulled LOW when the charge pump is disabled.
15
GATE_M
GATE_M Output: This output is connected to the gate of a (external) Power Switch “M”. The GATE_M pin driven HIGH when
charge pump M is enabled and pulled LOW when the charge pump is disabled.
16
DNC
Do not connect (must be left floating).
17
VFB
Voltage Feedback Pin. This input pin is used with voltage based power sequencing to monitor the level of a previously turned-
on supply. If unused, connect to ground.
18
VDDH
Primary supply voltage (typically 5V).
19
VDDM
Monitored Supply Voltage “M” input.
20
VDDL
Monitored Supply Voltage “L” input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com