Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 4 Page - Renesas Technology Corp

  X80201 Datasheet HTML 1Page - Renesas Technology Corp X80201 Datasheet HTML 2Page - Renesas Technology Corp X80201 Datasheet HTML 3Page - Renesas Technology Corp X80201 Datasheet HTML 4Page - Renesas Technology Corp X80201 Datasheet HTML 5Page - Renesas Technology Corp X80201 Datasheet HTML 6Page - Renesas Technology Corp X80201 Datasheet HTML 7Page - Renesas Technology Corp X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 4 of 16
January 21, 2005
VGATE_ON
GATE_H, GATE_M
VDDH = 5.5V
9.0
10
11.0
V
GATE_L
7.0
8
9.0
GATE_H, GATE_M
VDDH = 3.1V
7.0
8
9.0
V
GATE_L
6.0
7.0
8.0
VGATE_OFF
Gate Voltage Drive (OFF) for GATE_H,
GATE_M, GATE_L
00.1
V
IGATE_ON
Gate Current Drive (ON) for GATE_H,
GATE_M, GATE_L
(Note 1)
20
35
45
µA
IGATE_OFF
Gate Sinking Current Drive (OFF) for
GATE_H, GATE_M, GATE_L
VDDH = 5.5V, VDDM = 0V,
VDDL = 0V, GATEH_EN = 0,
GATE_H = 5.5, GATE_L = 5.5,
GATE_M = 5.5 (Note 1)
910
11
mA
VHYST
VFB comparator
(Note 1) 25°C
15
20
25
mV
AC CHARACTERISTICS
tPURST
Delayed READY Output
(READY output delayed after VDDH rises
above UVLOH)
VDDH = 5.5V
10
12
15
ms
VDDH = 3.1V
40
80
tDELAY_UP
VDDH = 5.5V, CGATE = 0
600
750
900
µs
VDDH = 3.1V, CGATE = 0
6
ms
tDELAY_DOWN
VDDH = 5.5V
700
800
900
µs
VDDH = 3.1V
6
ms
tOFF
GATE_H, GATE_M, GATE_L
turn-off time
VDDH = 5.5V, (Note 1)
40
µs
VDDH = 3.1V, (Note 1)
80
µs
tON
GATE_H, GATE_M, GATE_L
turn-on time
VDDH = 5.5V, (Note 1)
0.5
0.6
0.7
ms
VDDH = 3.1V, (Note 1)
2
5
ms
tR
VDDH Rise Time
(Note 1)
1.0
µs
tF
VDDH Fall Time
(Note 1)
1.0
µs
Power Sequencing Control Circuits Over the recommended operating conditions unless otherwise specified (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDH
tR
tF
GATE_H, M, L
tON
tOFF
GATE_L
GATE_M
tDELAY_UP
tDELAY_DOWN
tPURST
UVLOH
VDDH
READY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com