Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp X80201 Datasheet HTML 10Page - Renesas Technology Corp X80201 Datasheet HTML 11Page - Renesas Technology Corp X80201 Datasheet HTML 12Page - Renesas Technology Corp X80201 Datasheet HTML 13Page - Renesas Technology Corp X80201 Datasheet HTML 14Page - Renesas Technology Corp X80201 Datasheet HTML 15Page - Renesas Technology Corp X80201 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 13 of 16
January 21, 2005
Application Section
S
T
A
R
T
S
T
O
P
DATA
A
C
K
A
C
K
SDA BUS
SIGNALS FROM
THE SLAVE
SIGNALS FROM
THE MASTER
0
A
C
K
WORD
ADDRESS
1
0
1
0
SLAVE
ADDRESS
DEVICE
ID
A0
A1
A2
FIGURE 11. BYTE WRITE SEQUENCE
A
C
K
S
T
A
R
T
S
T
O
P
DATA
S
T
A
R
T
SDA BUS
SIGNALS FROM
THE SLAVE
SIGNALS FROM
THE MASTER
WORD
ADDRESS
A
C
K
SLAVE
ADDRESS
0
1
0
1
0
DEVICE
ID
A
C
K
SLAVE
ADDRESS
1
1
0
1
0
DEVICE
ID
A0
A1
A2
A0
A1
A2
A
C
K
S
T
A
R
T
S
T
O
P
DATA
S
T
A
R
T
SDA BUS
SIGNALS FROM
THE SLAVE
SIGNALS FROM
THE MASTER
WORD
ADDRESS
A
C
K
SLAVE
ADDRESS
0
1
0
1
0
DEVICE
ID
A
C
K
SLAVE
ADDRESS
1
1
0
1
0
DEVICE
ID
A0
A1
A2
A0
A1
A2
FIGURE 12. READ SEQUENCE
DC-DC
#1
DC-DC
#2
DC-DC
#3
OPTIONAL
SMBus
SMBus
H (OPTIONAL)
PRIMARY
I/O VOLTAGES
CORE VOLTAGES
PULL UP
TO SET
ADDRESS HIGH
SYSTEM
COMPONENTS &
BOARD SUPPLIES
I/O SUPPLY
CORE SUPPLY
µP/
ASICs/
FPGA
VCORE
V I/O
Primary
3.3V
5V
5V
2.7V
2.5V
2.0V
1.8V
1.25V
0.9V
3.3V
2.5V
1.35V
1.25V
L
M
RC DELAY
X80200
VDDH
VDDM
SETV
VDDL
GATEH_EN
SDA
SCL
GND
A2
A0
ENS
GATE_L
GATE_M
GATE_H
VFB
REF
READY
FIGURE 13. TELECOM BACKPLACE/SYSTEM POWER SUPPLY VOLTAGE BASED POWER SEQUENCING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com