Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button X80201 Datasheet HTML 4Page - Renesas Technology Corp X80201 Datasheet HTML 5Page - Renesas Technology Corp X80201 Datasheet HTML 6Page - Renesas Technology Corp X80201 Datasheet HTML 7Page - Renesas Technology Corp X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp X80201 Datasheet HTML 10Page - Renesas Technology Corp X80201 Datasheet HTML 11Page - Renesas Technology Corp X80201 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
X80200, X80201, X80202, X80203, X80204
FN8154 Rev 0.00
Page 8 of 16
January 21, 2005
remains LOW for a period of tPURST after VDDH crosses
UVLOH, see Figure 4. Once VDDH rises above UVLOH and
remains stable for tPURST, the READY output turns ON. If
READY connects directly to the GATEH_EN pin, then the
GATE_H charge pump turns on immediately. The turn on of the
Gate_H charge pump can be delayed by using an external
filter (RC filter) connected between the READY and
GATEH_EN pins.
When VDDH drops below the UVLOH threshold, READY goes
inactive immediately. For more details on this turn-off
mechanism, See "Power Supply Failure Conditions" on page
9.
SECONDARY VOLTAGES VDDM AND VDDL
The VDDM and VDDL voltage inputs each have their own
undervoltage lockout settings, UVLOM, and UVLOL,
respectively. Each undervoltage lockout level is preset at the
factory. For information on these settings, See Ordering
Information. For custom programmed levels, contact Intersil.
The GATE_M and GATE_ L charge pumps are OFF as long as
VDDM, and VDDL are below their respective UVLO trip points.
When READY is active and VDDM and VDDL go above their
UVLO thresholds, the GATE_M and GATE_L charge pumps
can be turned ON when activated as part of the power
sequence desired. If VDDL or VDDM drop below the UVLO
level the charge pumps turn off. For more details on this turn-
off mechanism, See "Power Supply Failure Conditions" on
page 9.
Sequence Delay Logic. This block contains the logic circuits
that implement the power-up and power-down sequencing of
the VDDH (GATE_H), VDDM (GATE_M), and VDDL (GATE_L)
voltages. The sequencing protocol has a built-in “core-first-up
and core-down-last” algorithm. On power-up the GATE_L
signal turns on first, followed by GATE_M signal. During the
power-down, the GATE_M turns off first and the GATE_L
signal follows.
The sequencing of the power supplies is primarily controlled
and regulated via the SETV and the ENS (enable sequence)
pins.
All charge pumps are designed to ramp up their respective
gates at the same slew rate for the same load.
Time Based Power Sequencing (ENS option)
The ENS (Enable Sequence) pin controls the start of the ramp
up/ramp down sequence for GATE_M and GATE_L in the time
domain. (See Figure 3.)
ENS is an edge-triggered input. A rising edge (LOW to HIGH)
on the ENS input turns on the charge pump that drives the
GATE_L output. The slew rate of the GATE_L output depends
on the external MOSFET and any load connected to it. (See
Electrical Table). After a tDELAY_UP time, the GATE_M charge
pump turns ON. Again the slew rate is dependent on the load
connected to GATE_M output.
The falling edge transition on the ENS pin (HIGH to LOW)
turns off the charge pump that drives the GATE_M output. After
a tDELAY_DOWN time period, the GATE_L charge pump turns
OFF.
Voltage Based Power Sequencing (SETV Option)
Using the SETV pin allows for a voltage based sequencing of
the GATE_L and GATE_M outputs. SETV is an edge triggered
input signal. A LOW to HIGH transition on SETV immediately
turns ON the charge pump for GATE_L. The GATE_L output
then starts ramping up. In this configuration, the drain of the
MOSFET “L” connects to the VFB pin and this voltage is
compared to an external reference applied to the REF pin. The
comparator turns on the charge pump for GATE_M once the
voltage on VFB exceeds the voltage on REF. (See Figure 5.)
The voltage sequencing comparator has a 30mV hysteresis,
so the GATE_M output does not oscillate as the core voltage
powers up.
A High to Low transition of SETV turns OFF charge pump M
and GATE_M is pulled low. After a tDELAY_DOWN time period,
charge pump L turns off and GATE_L is pulled low.
tDELAY_UP
ENS
GATE_L
GATE_M
tDELAY_DOWN
FIGURE 3. TIME BASED SEQUENCING OF GATE_M AND
GATE_L
tPURST
UVLOH
VDDH
READY
FIGURE 4. VDDH/READY SEQUENCING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com