Electronic Components Datasheet Search
  English  ▼

X  

X80201 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X80201
Description  Power Supply Sequencer with Power-up System Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X80201 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X80201 Datasheet HTML 1Page - Renesas Technology Corp X80201 Datasheet HTML 2Page - Renesas Technology Corp X80201 Datasheet HTML 3Page - Renesas Technology Corp X80201 Datasheet HTML 4Page - Renesas Technology Corp X80201 Datasheet HTML 5Page - Renesas Technology Corp X80201 Datasheet HTML 6Page - Renesas Technology Corp X80201 Datasheet HTML 7Page - Renesas Technology Corp X80201 Datasheet HTML 8Page - Renesas Technology Corp X80201 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN8154 Rev 0.00
Page 1 of 16
January 21, 2005
FN8154
Rev 0.00
January 21, 2005
X80200, X80201, X80202, X80203, X80204
Power Supply Sequencer with Power-up System Monitoring
DATASHEET
The X80200 power sequencer provides a flexible approach
for handling difficult system power-up conditions. The
X80200 includes control of up to three voltage supplies and
can be cascaded to control additional supplies. The device
contains independent undervoltage lockout for each
controlled voltage.
The three voltage control circuits allow sequencing for
primary, core, and I/O voltages. The core and I/O supplies
are linked together with a comparator or a timer allowing a
tight coupling between these two supplies. The sequencing
may be either voltage based or time based.
The X80200 contains separate charge pumps to control
external N-channel power FETs for each of the supplies. The
charge pumps provide the high gate control voltage
necessary for efficient operation of the FET switches.
The X80200 turns on the primary voltage to the system
when the voltage source is steady. This primary FET switch
turn-on can be delayed with an external RC circuit. For the
secondary voltage sources, the device has a built-in “core-
up-first and core-down-last” sequencing logic which is ideal
for high performance processors, DSPs and ASICs.
The serial bus can be used to monitor the status or turn off
each of the external power switches. The X80200 has 3
slave address bits that allow up to 8 devices to be connected
to the same bus.
Pinout
20 LD TSSOP
TOP VIEW
Features
• Sequence three voltage supplies independently
- Core and Logic I/O VCC power sequencer for processor
supplies
- Power up and power down control
- Voltage monitors have undervoltage lockout
- Internal charge pump drives external N-channel FET
switches
- Cascadable to sequence more than 3 supplies
- Time based or voltage based sequencing
• Status register bits monitor gate output status
• SMBus compatible Interface
• Slave address identification for up to 8 power sequencers
(24 supplies) on the same bus
• Surface mount 20-pin TSSOP Package
Applications
• Distributed Power Supply Designs
• Multi-voltage systems
• Multiprocessor systems
• Embedded Processor Applications
• Digital Signal Processors, FPGAs, ASICs, Memory
Controllers
• N + 1 Redundant Power Supplies
• Support for SSI – Server System Infrastructure
Specifications
• -48V Hotswap Power Backplane/Distribution
• Card Insertion Detection and Power
• Power Sequencing DC-DC Supplies
• Databus Power Interfacing
• Custom Industrial Power Backplanes
• Other: ATE, Data Acquisition, Mass Storage, Servers,
Data com, Wireless Basestations
VFB
GND
DNC
1
2
3
4
5
6
7
16
15
14
13
12
11
SETV
VDDL
REF
A0
A2
A1
VDDM
VDDH
GATE_H
GATEH_EN
READY
GATE_M
SCL
SDA
GATE_L
ENS
NC
8
9
10
20
19
18
17
Ordering Information
PART NUMBER
UVLOH
UVLOM
UVLOL
PACKAGE
X80200V20I
4.5
3.0
0.9
TSSOP
X80201V20I
4.5
2.25
0.9
TSSOP
X80202V20I
3.0
2.25
1.7
TSSOP
X80203V20I
3.0
2.25
0.9
TSSOP
X80204V20I
3.0
0.9
0.9
TSSOP


Similar Part No. - X80201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80201 INTERSIL-X80201 Datasheet
332Kb / 16P
Power Supply Swquencer with Power-up System Mnitoring
January 21, 2005
X80201V20I INTERSIL-X80201V20I Datasheet
332Kb / 16P
Power Supply Swquencer with Power-up System Mnitoring
January 21, 2005
More results

Similar Description - X80201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X80200 INTERSIL-X80200 Datasheet
332Kb / 16P
Power Supply Swquencer with Power-up System Mnitoring
January 21, 2005
logo
Rohm
BD4911FM ROHM-BD4911FM Datasheet
282Kb / 6P
System Power Supply with WDT
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
In-System Programmable Power Supply Monitoring and Margining Controller
logo
Linear Technology
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
Quad Power Supply Sequencer
LTC2928 LINER-LTC2928 Datasheet
5Mb / 32P
Multichannel Power Supply Sequencer and Supervisor
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
logo
Texas Instruments
UCD90160 TI1-UCD90160_15 Datasheet
2Mb / 52P
16-Rail Power Supply Sequencer
TPS38700-Q1 TI-TPS38700-Q1_V01 Datasheet
4Mb / 71P
TPS38700-Q1 Power-Supply Sequencer with I2C Support for up to 12 Channels
APRIL 2022
TPS38700 TI-TPS38700 Datasheet
4Mb / 75P
TPS38700 Power-Supply Sequencer With I2C Support for Up to 12 Channels
REVISED NOVEMBER 2022
TPS38700-Q1 TI-TPS38700-Q1_V02 Datasheet
4Mb / 77P
TPS38700-Q1 Power-Supply Sequencer With I2C Support for Up to 12 Channels
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com