Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 8Page - ATMEL Corporation PC7410 Datasheet HTML 9Page - ATMEL Corporation PC7410 Datasheet HTML 10Page - ATMEL Corporation PC7410 Datasheet HTML 11Page - ATMEL Corporation PC7410 Datasheet HTML 12Page - ATMEL Corporation PC7410 Datasheet HTML 13Page - ATMEL Corporation PC7410 Datasheet HTML 14Page - ATMEL Corporation PC7410 Datasheet HTML 15Page - ATMEL Corporation PC7410 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
12
PC7410
2141D–HIREL–02/04
Thermal Characteristics
Package Characteristics
Notes:
1. Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board) tempera-
ture, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1) with the calculated case temperature. The actual value of RθJC for the part is less than 0.1°C/W.
See “Thermal Management Information” on page 13 for more details about thermal management.
The board designer can choose between several commercially available heat sink types to place on the PC7410. For
exposed-die packaging technology as in Table 5, the intrinsic conduction thermal resistance paths are shown in Figure 4.
Package Thermal
Characteristics for HiTCE
Table 6 provides the package thermal characteristics for the PC7410, HiTCE.
Notes:
1. Simulation, no convection air flow.
2. Per JEDEC JESD51-6 with the board horizontal.
Package Thermal
Characteristics for CI-CGA
Table 5. Package Thermal Characteristics CBGA
Symbol
Characteristic
Value
PC7410 CBGA
Unit
RθJA
Junction-to-ambient thermal resistance, natural convection, single-layer (1s) board(1)(2)
24
°C/W
RθJMA
Junction-to-ambient thermal resistance, natural convection, four-layer (2s2p) board(1)(3)
17
°C/W
RθJMA
Junction-to-ambient thermal resistance, 200 ft/min airflow, single-layer (1s) board(1)(3)
18
°C/W
RθJMA
Junction-to-ambient thermal resistance, 400 ft/min airflow, single-layer (1s) board
16
°C/W
RθJMA
Junction-to-ambient thermal resistance, 200 ft/min airflow, four-layer (2s2p) board(1)(3)
14
°C/W
RθJMA
Junction-to-ambient thermal resistance, 400 ft/min airflow, four-layer (2s2p) board
13
°C/W
RθJB
Junction-to-board thermal resistance(4)
8
°C/W
RθJC
Junction-to-case thermal resistance(5)
< 0.1
°C/W
Table 6. Package Thermal Characteristics for HiTCE Package
Characteristic
Symbol
Value
Unit
PC7410 HiTCE
Junction-to-bottom of balls(1)
R
θ
J
6.8
°C/W
Junction-to-ambient thermal resistance,
natural convection, four-layer (2s2p) board(1)(2)
R
θ
JMA
20.7
°C/W
Junction to board thermal resistance
R
θ
JB
11.0
°C/W
Table 7. Package Thermal Characteristics for CI-CGA
Characteristic
Symbol
Value
Unit
PC7410 CI-CGA
Junction to board thermal resistance
R
θ
JB
8.42
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com