Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 50 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 46Page - ATMEL Corporation PC7410 Datasheet HTML 47Page - ATMEL Corporation PC7410 Datasheet HTML 48Page - ATMEL Corporation PC7410 Datasheet HTML 49Page - ATMEL Corporation PC7410 Datasheet HTML 50Page - ATMEL Corporation PC7410 Datasheet HTML 51Page - ATMEL Corporation PC7410 Datasheet HTML 52Page - ATMEL Corporation PC7410 Datasheet HTML 53Page - ATMEL Corporation PC7410 Datasheet HTML 54Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
50
PC7410
2141D–HIREL–02/04
Ordering Information
Note:
1. For availability of the different versions, contact your local Atmel sales office.
Document Revision
History
Table 22 provides a revision history for this hardware specification.
PC
7410
V
GS
U
L
x
Prefix
Type
Package (1)
G: CBGA
GS: CI-CBGA
GH: HITCE
Screening Level(1)
U: Upscreening
Revision Level(1)
Rev. E
Application modifier (1)
L: 1.8V ± 100 mV
N: 1.5V ± 50 mV (400 MHz only)
Temperature Range: Tj (1)
V: -40˚C, +110˚C
M: -55˚C, +125˚C
Prototype
(X)
Max Internal Processor Speed(1)
400 MHz
450 MHz
500 MHz (TBC)
400
Table 22. Document Revision History
Rev. No
Substantive Change(s)
D
Public release, includes Rev 1.1 changes.
Section — added package capacitor values.
Section "Thermal Management Assistant"— deleted
Section “Pull-up Resistor Requirements” on page 43 — added recommendation that strong pull-up/down resistors be
used on the PLL_CFG[0:3] signals.
Table 11 on page 21— removed mode input setup and hold times. These inputs adhere to the general input setup
and hold specifications.
Figure 11 on page 23 — revised mode input diagram to show sample points around HRESET negation.
Figure 32 on page 46 — added note 6 to emphasize that COP emulator and target board need to be able to drive
HRESET and TRST independently to the CPU.
Section “PLL and DLL Power Supply Filtering” on page 40 — revised section for HCTE package. Added text and
figure for AVDD filter for the CBGA package.
Section “Pull-up Resistor Requirements” on page 43 — removed AACK, TEA, and TS from control signals requiring
pull-ups. Removed TBST from snooped transfer attribute list. TBST is an output and is not snooped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com