Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 43Page - ATMEL Corporation PC7410 Datasheet HTML 44Page - ATMEL Corporation PC7410 Datasheet HTML 45Page - ATMEL Corporation PC7410 Datasheet HTML 46Page - ATMEL Corporation PC7410 Datasheet HTML 47Page - ATMEL Corporation PC7410 Datasheet HTML 48Page - ATMEL Corporation PC7410 Datasheet HTML 49Page - ATMEL Corporation PC7410 Datasheet HTML 50Page - ATMEL Corporation PC7410 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
47
PC7410
2141D–HIREL–02/04
Boundary scan testing is enabled through the JTAG interface signals. (BSDL descrip-
tion s
o f
the
PC74 10
are
av ailab l e
on
the
In tern et
at
www.mot.com/PowerPC/teksupport.) The TRST signal is optional in the IEEE 1149.1
specification but is provided on all PowerPC implementations. While it is possible to
force the TAP controller to the reset state using only the TCK and TMS signals, more
reliable power-on reset performance will be obtained if the TRST signal is asserted dur-
ing power-on reset. Since the JTAG interface is also used for accessing the common
on-chip processor (COP) function of PowerPC processors, simply tying TRST to
HRESET is not practical.
The common on-chip processor (COP) function of PowerPC processors allows a remote
computer system (typically a PC with dedicated hardware and debugging software) to
access and control the internal operations of the processor. The COP interface con-
nects primarily through the JTAG port of the processor with some additional status
monitoring signals. The COP port requires the ability to independently assert HRESET
or TRST in order to fully control the processor. If the target system has independent
reset sources, such as voltage monitors, watchdog timers, power supply failures or
push-button switches, then the COP reset signals must be merged into these signals
with logic.
The arrangement shown in Figure 32 allows the COP to independently assert HRESET
or TRST, while ensuring that the target can drive HRESET as well. The pull-down resis-
tor on TRST ensures that the JTAG scan chain is initialized during power-on if a JTAG
interface cable is not attached; if it is attached, it is responsible for driving TRST when
needed.
Table 20. COP Pin Definitions
Pins
Signal
Connection
Special Notes
1TDO
TDO
2QACK
QACK
Add 2K pull-down to ground. Must be merged with on-board QACK, if any.
3TDI
TDI
4TRST
TRST
Add 2K pull-down to ground. Must be merged with on-board TRST if any.
See Figure 32.
5
RUN/STOP
No Connect
Used on 604e; leave no-connect for all other processors.
6
VDD_SENSE
VDD
Add 2K pull-up to OVDD (for short circuit limiting protection only).
7TCK
TCK
8
CKSTP_IN
CKSTP_IN
Optional. Add 10K pull-up to OVDD. Used on several emulator products. Useful for
checkstopping the processor from a logic analyzer of other external trigger.
9TMS
TMS
10
N/A
11
SRESET
SRESET
Merge with on-board SRESET, if any.
12
N/A
13
HRESET
HRESET
Merge with on-board HRESET.
14
N/A
Key location; pin should be removed.
15
CKSTP_OUT
CKSTP_OUT
Add 10K pull-up to OV
DD.
16
Ground
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com