Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor Product Specification
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7410 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button PC7410 Datasheet HTML 22Page - ATMEL Corporation PC7410 Datasheet HTML 23Page - ATMEL Corporation PC7410 Datasheet HTML 24Page - ATMEL Corporation PC7410 Datasheet HTML 25Page - ATMEL Corporation PC7410 Datasheet HTML 26Page - ATMEL Corporation PC7410 Datasheet HTML 27Page - ATMEL Corporation PC7410 Datasheet HTML 28Page - ATMEL Corporation PC7410 Datasheet HTML 29Page - ATMEL Corporation PC7410 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
26
PC7410
2141D–HIREL–02/04
L2 Bus AC Specifications
Table 13 provides the L2 bus interface AC timing specifications for the PC7410 as
defined in Figure 13 and Figure 14 for the loading conditions described in Figure 15.
Notes:
1. Rise and fall times for the L2SYNC_IN input are measured from 20% to 80% of L2OV
DD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising edge of
the input L2SYNC_IN (see Figure 13). Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint of the sig-
nal in question. The output timings are measured at the pins. All output timings assume a purely resistive 50
Ω load (see
Figure 15).
4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous burst
RAMs, L2CR[14:15] = 00 is recommended. For pipelined late-write synchronous burst SRAMs, L2CR[14:15] = 10 is
recommended.
Figure 13. L2 Bus Input Timing Diagram
Note:
VM = Midpoint Voltage (L2OV
DD/2)
Table 13. L2 Bus Interface AC Timing Specifications at V
DD = AVDD = L2AVDD = 1.8V ± 100mV or 1.5V ± 50mV ;
-55°C
≤ T
j ≤ 125°C, L2OVDD = 2.5V ± 100mV or L2OVDD = 1.8V ± 100mV
Symbol
Parameter
400, 450, 500 MHz
Unit
Min
Max
t
L2CR & tL2CF
(1)
L2SYNC_IN rise and fall time
1.0
ns
t
DVL2CH
(2)
Setup Times
Data and parity
1.5
ns
t
DXL2CH
(2)
Input Hold Times
Data and parity
0.0
ns
tL2CHOV
(3)(4)
Valid Times
All outputs when L2CR[14:15] = 00
All outputs when L2CR[14:15] = 01
All outputs when L2CR[14:15] = 10
All outputs when L2CR[14:15] = 11
2.5
2.5
2.9
3.5
ns
tL2CHOX
(3)
Output Hold Times
All outputs when L2CR[14:15] = 00
All outputs when L2CR[14:15] = 01
All outputs when L2CR[14:15] = 10
All outputs when L2CR[14:15] = 11
0.4
0.8
1.2
1.6
ns
tL2CHOZ
L2SYNC_IN to high impedance
All outputs when L2CR[14:15] = 00
All outputs when L2CR[14:15] = 01
All outputs when L2CR[14:15] = 10
All outputs when L2CR[14:15] = 11
2.0
2.5
3.0
3.5
ns
L2SYNC_IN
L2 Data and Data
Parity Inputs
tL2CR
tL2CF
tDVL2CH
tDXL2CH
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com