Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF2005N Datasheet HTML 1Page - NXP Semiconductors MMRF2005N Datasheet HTML 2Page - NXP Semiconductors MMRF2005N Datasheet HTML 3Page - NXP Semiconductors MMRF2005N Datasheet HTML 4Page - NXP Semiconductors MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF2005N MMRF2005GN
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
–0.5, +65
Vdc
Gate--Source Voltage
VGS
–6.0, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature Range
TC
–40 to +150
C
Operating Junction Temperature Range (1,2)
TJ
–40 to +225
C
Input Power
Pin
20
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80C, 3.2 W CW, 940 MHz
Stage 1, 28 Vdc, IDQ1 = 106 mA
Stage 2, 28 Vdc, IDQ2 = 285 mA
Case Temperature 80C, 30 W CW, 940 MHz
Stage 1, 28 Vdc, IDQ1 =40 mA
Stage 2, 28 Vdc, IDQ2 = 340 mA
RJC
5.5
1.6
5.8
1.2
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B, passes 500 V
Machine Model (per EIA/JESD22--A115)
A, passes 100 V
Charge Device Model (per JESD22--C101)
II, passes 200 V
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 — Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 1 — On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =14 Adc)
VGS(th)
1.2
2
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ1 = 106 mA)
VGS(Q)
—
2.8
—
Vdc
Fixture Gate Quiescent Voltage (4)
(VDD =28 Vdc, IDQ1 = 106 mA, Measured in Functional Test)
VGG(Q)
6.9
9.4
11.9
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf/calculators.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf and search for AN1955.
4. VGG =3.3  VGS(Q). Parameter measured on Freescale test fixture, due to resistor divider network on the board. Refer to test circuit schematic.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com