Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF2005N Datasheet HTML 1Page - NXP Semiconductors MMRF2005N Datasheet HTML 2Page - NXP Semiconductors MMRF2005N Datasheet HTML 3Page - NXP Semiconductors MMRF2005N Datasheet HTML 4Page - NXP Semiconductors MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MMRF2005N MMRF2005GN
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 — Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 2 — On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =74 Adc)
VGS(th)
1.2
2
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2 = 285 mA)
VGS(Q)
—
2.6
—
Vdc
Fixture Gate Quiescent Voltage (1)
(VDD =28 Vdc, IDQ2 = 285 mA, Measured in Functional Test)
VGG(Q)
4.2
5.9
7.6
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 740 mA)
VDS(on)
0.1
0.3
0.8
Vdc
Functional Tests (2,3) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 = 106 mA, IDQ2 = 285 mA, Pout = 3.2 W Avg.,
f = 940 MHz, Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth Carrier, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF. ACPR measured in 3.84 MHz Channel Bandwidth @ 5MHz Offset.
Power Gain
Gps
33
35.9
38
dB
Power Added Efficiency
PAE
14
16.5
—
%
Adjacent Channel Power Ratio
ACPR
—
–49.5
–46
dBc
Input Return Loss
IRL
—
–18.7
–9
dB
Typical Performance — 900 MHz (In Freescale 900 MHz Application Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 = 106 mA,
IDQ2 = 285 mA, 920–960 MHz Bandwidth
VDD =28 Vdc, IDQ1 =40 mA, IDQ2 = 340 mA
Pout @ 1 dB Compression Point, CW
P1dB
—
31
—
W
IMD Symmetry @ 25 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
—
45
—
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
80
—
MHz
Quiescent Current Accuracy over Temperature (4)
with3k Gate Feed Resistors (–30 to 85C)
IQT
—
0.02
—
%
Gain Flatness in 40 MHz Bandwidth @ Pout =3.2 W Avg.
GF
—
0.2
—
dB
Gain Variation over Temperature
(–30Cto+85C)
G
—
0.036
—
dB/C
Output Power Variation over Temperature
(–30Cto+85C)
P1dB
—
0.01
—
dBm/C
Table 6. Ordering Information
Device
Tape and Reel Information
Package
MMRF2005NR1
R1 Suffix = 500 Units, 44 mm Tape Width, 13--inch Reel
TO--270WB--16
MMRF2005GNR1
TO--270WBG--16
1. VGG =2.25  VGS(Q). Parameter measured on Freescale test fixture, due to resistor divider network on the board. Refer to test circuit schematic.
2. Part internally matched both on input and output.
3. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.
4. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf and search for AN1977 or AN1987.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com