Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF2005N Datasheet HTML 1Page - NXP Semiconductors MMRF2005N Datasheet HTML 2Page - NXP Semiconductors MMRF2005N Datasheet HTML 3Page - NXP Semiconductors MMRF2005N Datasheet HTML 4Page - NXP Semiconductors MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMRF2005N MMRF2005GN
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Wideband Integrated
Power Amplifiers
The MMRF2005N wideband integrated circuit is designed with on--chip
matching that makes it usable from 728 to 960 MHz. This multi--stage structure
is rated for 24 to 32 V operation and is ideal for applications including radio
communications, data links and UHF radar.
Driver Application — 900 MHz
 Typical Single--Carrier W--CDMA Performance: VDD =28 Vdc,IDQ1 =
106 mA, IDQ2 = 285 mA, Pout = 3.2 W Avg., IQ Magnitude Clipping,
Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF.
Frequency (1)
Gps
(dB)
PAE
(%)
ACPR
(dBc)
920 MHz
36.6
16.1
–48.0
940 MHz
36.8
16.7
–48.7
960 MHz
36.6
17.3
–48.6
 Capable of Handling 10:1 VSWR, @ 32 Vdc, 940 MHz, 48 W CW
Output Power (3 dB Input Overdrive from Rated Pout)
Driver Application — 700 MHz
 Typical Single--Carrier W--CDMA Performance: VDD =28 Vdc,IDQ1 =
106 mA, IDQ2 = 285 mA, Pout = 3.2 W Avg., IQ Magnitude Clipping,
Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF.
Frequency
Gps
(dB)
PAE
(%)
ACPR
(dBc)
728 MHz
36.4
16.1
–47.7
748 MHz
36.4
16.1
–47.8
768 MHz
36.4
16.0
–47.9
Features
 Characterized with series equivalent large--signal impedance parameters
and common source S--parameters
 On--chip matching (50 ohm input, DC blocked, > 5 ohm output)
 Integrated quiescent current temperature compensation with
enable/disable function (2)
 Integrated ESD protection
Document Number: MMRF2005N
Rev. 0, 8/2015
Freescale Semiconductor
Technical Data
728–960 MHz, 3.2 W AVG., 28 V
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
TO--270WB--16
PLASTIC
MMRF2005N
TO--270WBG--16
PLASTIC
MMRF2005GN
MMRF2005N
MMRF2005GN
(Top View)
GND
NC
RFin
VGS1
GND
RFout/VDS2
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
VGS2
9
10
GND
11
Quiescent Current
Temperature Compensation (2)
VDS1
RFin
VGS1
RFout/VDS2
VGS2
VDS1
NC
NC
NC
NC
Note: Exposed backside of the package is
the source terminal for the transistors.
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
GND
GND
1. 900 MHz Driver Frequency Band table data collected in the 900 MHz application circuit. See Fig. 9.
2. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf and search for AN1977 or AN1987.
 Freescale Semiconductor, Inc., 2015. All rights reserved.


Similar Part No. - MMRF2005N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF2004NB NXP-MMRF2004NB Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2004NBR1 NXP-MMRF2004NBR1 Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2006N NXP-MMRF2006N Datasheet
764Kb / 18P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 7/2014
MMRF2006NT1 NXP-MMRF2006NT1 Datasheet
764Kb / 18P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 7/2014
MMRF2007GN NXP-MMRF2007GN Datasheet
403Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
More results

Similar Description - MMRF2005N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com