Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors MMRF2005N Datasheet HTML 10Page - NXP Semiconductors MMRF2005N Datasheet HTML 11Page - NXP Semiconductors MMRF2005N Datasheet HTML 12Page - NXP Semiconductors MMRF2005N Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MMRF2005N MMRF2005GN
9
RF Device Data
Freescale Semiconductor, Inc.
Figure 9. MMRF2005N Test Circuit Component Layout — 700 MHz
R1
C1
C2
C3
C4
C5
C6
C7
C8
C10
C11
C12
C13
C14 C15
C16
C17
C18
C9
R2
R3
R4
R5
R6
VDD2
VDD1
VGG2
VGG1
R7
Table 11. MMRF2005N Test Circuit Component Designations and Values — 700 MHz
Part
Description
Part Number
Manufacturer
C1, C4, C7
47 pF Chip Capacitors
ATC600F470JT250XT
ATC
C2, C5, C8
10 nF, 50 V Chip Capacitors
C0603C103J5RAC
Kemet
C3, C6
1 F, 50 V Chip Capacitors
GRM21BR71H105KA12L
Murata
C9, C15
10 F, 50 V Chip Capacitors
GRM55DR61H106KA88L
Murata
C10
13 pF Chip Capacitor
ATC100B130JT500XT
ATC
C11
7.5 pF Chip Capacitor
ATC100B7R5CT500XT
ATC
C12
6.8 pF Chip Capacitor
ATC100B6R8CT500XT
ATC
C13, C14
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C16, C17
100 F, 50 V Electrolytic Capacitors
MCGPR35V337M10X16--RH
Multicomp
C18
1.8 pF Chip Capacitor
ATC100B1R8BT500XT
ATC
R1, R2, R3, R4, R5, R6
1000 , 1/4 W Chip Resistors
CRCW12061K00FKEA
Vishay
R7
0 , 3A Chip Resistor
CRCW12060000Z0EA
Vishay
PCB
0.020, r =3.5
RF--35
Taconic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com