Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MMRF2005N Datasheet HTML 4Page - NXP Semiconductors MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors MMRF2005N Datasheet HTML 10Page - NXP Semiconductors MMRF2005N Datasheet HTML 11Page - NXP Semiconductors MMRF2005N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MMRF2005N MMRF2005GN
900 MHz APPLICATION CIRCUIT
Table 10. 900 MHz Performance (In Freescale Application Circuit, 50 ohm system) VDD =28 Vdc, IDQ1 = 106 mA,
IDQ2 = 285 mA, Pout = 3.2 W Avg., Channel Bandwidth = 3.84 MHz, Input Signal PAR = 7.5 dB @ 0.01% Probability
on CCDF
Frequency
(MHz)
Gps
(dB)
PAE
(%)
ACPR
(dBc)
920
36.6
16.1
–48.0
940
36.8
16.7
–48.7
960
36.6
17.3
–48.6
1
Pout, OUTPUT POWER (WATTS) AVG.
Figure 8. Single--Carrier W--CDMA Power Gain, Power Added
Efficiency and ACPR versus Output Power
–10
–20
33
38
0
60
54
48
42
36
37.5
37
10
50
–50
36.5
36
35.5
0
–30
–40
–45
–5
–15
–25
–35
35
34.5
35
33.5
34
ACPR
960 MHz
VDD =28 Vdc
IDQ1 = 106 mA, IDQ2 = 285 mA
Single--Carrier W--CDMA, 3.84 MHz
Channel Bandwidth, Input Signal
PAR = 7.5 dB @ 0.01%
Probability on CCDF
PAE
920 MHz
940 MHz
960 MHz
920 MHz
960 MHz 940 MHz
920 MHz
Gps
30
24
18
12
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com