Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MMRF2005N Datasheet HTML 2Page - NXP Semiconductors MMRF2005N Datasheet HTML 3Page - NXP Semiconductors MMRF2005N Datasheet HTML 4Page - NXP Semiconductors MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors MMRF2005N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
MMRF2005N MMRF2005GN
TYPICAL CHARACTERISTICS — 900 MHz
Figure 7. Broadband Frequency Response
10
40
450
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin = –10 dBm
IDQ1 = 106 mA
IDQ2 = 285 mA
30
25
20
550
35
Gain
650
750
850
950
1050
1150
1250
IRL
–30
0
–5
–10
–15
–20
15
–25
Table 8. Series Equivalent Input and Load
Impedance — 900 MHz
f
MHz
Zin
Zload
820
37.95 + j2.31
4.70 + j0.98
840
39.95 + j2.72
4.29 + j1.23
860
42.70 + j1.02
3.93 + j1.67
880
44.40 – j1.38
3.63 + j2.15
900
46.25 – j4.92
3.41 + j2.61
920
45.70 – j8.41
3.14 + j3.05
940
45.46 – j11.47
2.94 + j3.48
960
45.07 – j15.19
2.85 + j3.90
980
43.49 – j18.03
2.69 + j4.32
Zin
= Device input impedance as measured from
gate to ground.
Zload = Test circuit impedance as measured from
drain to ground.
Z in
Z load
Device
Under Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com