Electronic Components Datasheet Search
  English  ▼

X  

MMRF2005N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF2005N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2005N Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF2005N Datasheet HTML 1Page - NXP Semiconductors MMRF2005N Datasheet HTML 2Page - NXP Semiconductors MMRF2005N Datasheet HTML 3Page - NXP Semiconductors MMRF2005N Datasheet HTML 4Page - NXP Semiconductors MMRF2005N Datasheet HTML 5Page - NXP Semiconductors MMRF2005N Datasheet HTML 6Page - NXP Semiconductors MMRF2005N Datasheet HTML 7Page - NXP Semiconductors MMRF2005N Datasheet HTML 8Page - NXP Semiconductors MMRF2005N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMRF2005N MMRF2005GN
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS — 900 MHz
800
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 4. Output Peak--to--Average Ratio Compression (PARC)
Broadband Performance @ Pout = 3.2 Watts Avg.
–26
–18
–20
–22
–24
33.5
38.5
38
37.5
–50
20
18
16
14
–40
–42
–44
–46
37
36.5
36
35.5
35
34.5
34
825
850
875
900
925
950
975
1000
12
–48
–28
PARC
–1.5
0.5
0
–0.5
–1
–2
Figure 5. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
–60
–10
–20
–30
–50
1
100
–40
IM3--U
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 25 W (PEP), IDQ1 = 106 mA
IDQ2 = 285 mA, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
Figure 6. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
–1
–3
–5
5
0
–2
–4
2
814
10
46
40
34
28
22
16
11
ACPR
–50
–26
–30
–34
–42
–38
–46
37.5
37
36.5
36
35.5
35
34.5
Gps
PAE
Probability on CCDF
IDQ2 = 285 mA, Single--Carrier W--CDMA
VDD =28 Vdc,Pout =3.2 W(Avg.), IDQ1 = 106 mA
3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01%
PAE
–1 dB = 6.41 W
–2 dB = 8.98 W
–3 dB = 12.17 W
PARC
VDD =28 Vdc
IDQ1 = 106 mA
IDQ2 = 285 mA
f = 940 MHz
Single--Carrier W--CDMA
3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com