Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF5014H Datasheet HTML 1Page - NXP Semiconductors MMRF5014H Datasheet HTML 2Page - NXP Semiconductors MMRF5014H Datasheet HTML 3Page - NXP Semiconductors MMRF5014H Datasheet HTML 4Page - NXP Semiconductors MMRF5014H Datasheet HTML 5Page - NXP Semiconductors MMRF5014H Datasheet HTML 6Page - NXP Semiconductors MMRF5014H Datasheet HTML 7Page - NXP Semiconductors MMRF5014H Datasheet HTML 8Page - NXP Semiconductors MMRF5014H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
NXP Semiconductors
MMRF5014H
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
125
Vdc
Gate--Source Voltage
VGS
–8, 0
Vdc
Operating Voltage
VDD
0to+50
Vdc
Maximum Forward Gate Current @ TC =25C
IGMAX
18
mA
Storage Temperature Range
Tstg
– 65to+150
C
Case Operating Temperature Range
TC
–55 to +150
C
Operating Junction Temperature Range
TJ
–55 to +225
C
Absolute Maximum Channel Temperature (1)
TMAX
350
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
232
1.16
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance by Infrared Measurement, Active Die Surface--to--Case
CW: Case Temperature 82C, 125 W CW, 50 Vdc, IDQ = 350 mA, 2500 MHz
RJC (IR)
0.86 (2)
C/W
Thermal Resistance by Finite Element Analysis, Channel--to--Case
Case Temperature 85C, PD =85 W
RCHC
(FEA)
1.48 (3)
C/W
Thermal Impedance by Infrared Measurement, Junction--to--Case
Pulse: Case Temperature 58C, 125 W Peak, 100 sec Pulse Width,
20% Duty Cycle, 50 Vdc, IDQ = 350 mA, 2500 MHz
ZJC (IR)
0.21
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B, passes 500 V
Machine Model (per EIA/JESD22--A115)
A, passes 100 V
Charge Device Model (per JESD22--C101)
IV, passes 2000 V
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain Leakage Current
(VGS =–8 Vdc, VDS =10 Vdc)
IDSS
—
—
5
mAdc
Drain--Source Breakdown Voltage
(VGS =–8 Vdc, ID =25 mAdc)
V(BR)DSS
150
—
—
Vdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =25 mAdc)
VGS(th)
–3.8
–2.9
–2.3
Vdc
Gate Quiescent Voltage
(VDS =50 Vdc, ID = 350 mAdc, Measured in Functional Test)
VGS(Q)
–3.2
–2.7
–2.2
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =–4 Vdc)
Crss
—
1.0
—
pF
Output Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =–4 Vdc)
Coss
—
7.7
—
pF
Input Capacitance (4)
(VDS =50 Vdc, VGS =–4 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
—
51.0
—
pF
1. Reliability tests were conducted at 225C. Operation with TMAX at 350C will reduce median time to failure.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
3. RJC (FEA) must be used for purposes related to reliability and limitations on maximum junction temperature. MTTF may be estimated by
the expression MTTF (hours) = 10[A + B/(T + 273)], where T is the junction temperature in degrees Celsius, A = –8.44 and B = 7210.
4. Part internally input matched.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com