Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF5014H Datasheet HTML 1Page - NXP Semiconductors MMRF5014H Datasheet HTML 2Page - NXP Semiconductors MMRF5014H Datasheet HTML 3Page - NXP Semiconductors MMRF5014H Datasheet HTML 4Page - NXP Semiconductors MMRF5014H Datasheet HTML 5Page - NXP Semiconductors MMRF5014H Datasheet HTML 6Page - NXP Semiconductors MMRF5014H Datasheet HTML 7Page - NXP Semiconductors MMRF5014H Datasheet HTML 8Page - NXP Semiconductors MMRF5014H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MMRF5014H
1
RF Device Data
NXP Semiconductors
RF Power GaN Transistor
This 125 W CW RF power transistor is optimized for wideband operation up to
2700 MHz and includes input matching for extended bandwidth performance.
With its high gain and high ruggedness, this device is ideally suited for CW,
pulse and wideband RF applications.
This part is characterized and performance is guaranteed for applications
operating in the 1–2700 MHz band. There is no guarantee of performance when
this part is used in applications designed outside of these frequencies.
Typical Narrowband Performance: VDD =50 Vdc, IDQ = 350 mA, TA =25C
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
2500 (1)
CW
125 CW
16.0
64.2
2500 (1)
Pulse
(100 sec,
20% Duty Cycle)
125 Peak
18.0
66.8
Typical Wideband Performance: VDD =50 Vdc, TA =25C
Frequency
(MHz)
Signal Type
Pout
(W)
Gps (2)
(dB)
D (2)
(%)
200–2500 (3)
CW
100 CW
12.0
40.0
1300–1900 (4)
CW
125 CW
14.5
45.0
Load Mismatch/Ruggedness
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test
Voltage
Result
2500 (1)
Pulse
(100 sec,
20% Duty Cycle)
> 20:1 at
All Phase
Angles
5.0 Peak
(3 dB
Overdrive)
50
No Device
Degradation
1. Measured in 2500 MHz narrowband test circuit.
2. The values shown are the minimum measured performance numbers across the
indicated frequency range.
3. Measured in 200–2500 MHz broadband reference circuit.
4. Measured in 1300–1900 MHz broadband reference circuit.
Features
 Advanced GaN on SiC, offering high power density
 Decade bandwidth performance
 Low thermal resistance
 Input matched for extended wideband performance
 High ruggedness: > 20:1 VSWR
Typical Applications
 Ideal for military end--use applications,
including the following:
– Narrowband and multi--octave
wideband amplifiers
– Radar
– Jammers
–EMC testing
 Also suitable for commercial applications,
including the following:
– Public mobile radios, including
emergency service radios
– Industrial, scientific and medical
– Wideband laboratory amplifiers
– Wireless cellular infrastructure
Document Number: MMRF5014H
Rev. 3, 05/2018
NXP Semiconductors
Technical Data
1–2700 MHz, 125 W CW, 50 V
WIDEBAND
RF POWER GaN TRANSISTOR
MMRF5014H
NI--360H--2SB
Note: The backside of the package is the
source terminal for the transistor.
(Top View)
Drain
21
Figure 1. Pin Connections
Gate
 2015, 2017–2018 NXP B.V.


Similar Part No. - MMRF5014H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF5017HS NXP-MMRF5017HS Datasheet
177Kb / 10P
RF Power GaN Transistor
Rev. 0, 06/2018
More results

Similar Description - MMRF5014H

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
GP1001 POLYFET-GP1001 Datasheet
92Kb / 2P
RF POWER GAN TRANSISTOR
GX3442 POLYFET-GX3442 Datasheet
59Kb / 2P
RF POWER GAN TRANSISTOR
GX4001 POLYFET-GX4001 Datasheet
59Kb / 2P
RF POWER GAN TRANSISTOR
GX4442 POLYFET-GX4442 Datasheet
68Kb / 2P
RF POWER GAN TRANSISTOR
G22001 POLYFET-G22001 Datasheet
47Kb / 2P
RF POWER GAN TRANSISTOR
GP1441 POLYFET-GP1441 Datasheet
74Kb / 2P
RF POWER GAN TRANSISTOR
GX4002 POLYFET-GX4002 Datasheet
70Kb / 2P
RF POWER GAN TRANSISTOR
logo
NXP Semiconductors
A2G35S200-01S NXP-A2G35S200-01S Datasheet
344Kb / 10P
RF Power GaN Transistor
Rev. 0, 5/2016
A3G35H100-04S NXP-A3G35H100-04S Datasheet
359Kb / 10P
RF Power GaN Transistor
Rev. 0, 05/2018
MMRF5017HS NXP-MMRF5017HS Datasheet
177Kb / 10P
RF Power GaN Transistor
Rev. 0, 06/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com