Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMRF5014H Datasheet HTML 10Page - NXP Semiconductors MMRF5014H Datasheet HTML 11Page - NXP Semiconductors MMRF5014H Datasheet HTML 12Page - NXP Semiconductors MMRF5014H Datasheet HTML 13Page - NXP Semiconductors MMRF5014H Datasheet HTML 14Page - NXP Semiconductors MMRF5014H Datasheet HTML 15Page - NXP Semiconductors MMRF5014H Datasheet HTML 16Page - NXP Semiconductors MMRF5014H Datasheet HTML 17Page - NXP Semiconductors MMRF5014H Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
RF Device Data
NXP Semiconductors
MMRF5014H
TYPICAL CHARACTERISTICS — 2500 MHz
9
22
10
Pout, OUTPUT POWER (WATTS) PEAK
Figure 13. Power Gain versus Output Power
and Drain Voltage (1)
30
20
150
190
18
50
70
90
130
VDD =25 V
50 V
17
19
21
45 V
110
170
15
14
16
12
11
13
10
IDQ = 350 mA, f = 2500 MHz
Pulse Width = 100 sec
Duty Cycle = 20%
30 V
35 V
40 V
10
70
0
Pout, OUTPUT POWER (WATTS) PEAK
Figure 14. Drain Efficiency versus Output Power
and Drain Voltage (1)
20
60
140
180
50
40
60
80
120
VDD =25 V
50 V
40
45 V
100
160
30
20
IDQ = 350 mA, f = 2500 MHz
Pulse Width = 100 sec
Duty Cycle = 20%
30 V
35 V
40 V
0
180
0
Pin, INPUT POWER (WATTS) PEAK
Figure 15. Output Power versus Input Power (1)
2
160
6
140
34
5
TC =25C
120
100
20
VDD =50 Vdc,IDQ = 350 mA, f = 2500 MHz
Pulse Width = 100 sec, Duty Cycle = 20%
40
60
80
1
85C
–55C
Figure 16. Power Gain and Drain Efficiency
versus Output Power (1)
Pout, OUTPUT POWER (WATTS) PEAK
15
22
0
19
21
20
100
200
25_C
85_C
Gps
16
18
17
0
70
10
85_C
25_C
20
20
30
40
50
60
IDQ = 350 mA, f = 2500 MHz
Pulse Width = 100 sec
Duty Cycle = 20%
D
–55_C
TC = –55_C
40
60
80
140
120
180
160
1. Circuit tuned for maximum power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com