Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF5014H Datasheet HTML 1Page - NXP Semiconductors MMRF5014H Datasheet HTML 2Page - NXP Semiconductors MMRF5014H Datasheet HTML 3Page - NXP Semiconductors MMRF5014H Datasheet HTML 4Page - NXP Semiconductors MMRF5014H Datasheet HTML 5Page - NXP Semiconductors MMRF5014H Datasheet HTML 6Page - NXP Semiconductors MMRF5014H Datasheet HTML 7Page - NXP Semiconductors MMRF5014H Datasheet HTML 8Page - NXP Semiconductors MMRF5014H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MMRF5014H
3
RF Device Data
NXP Semiconductors
Table 4. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In NXP Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 350 mA, Pout = 125 W Peak (25 W Avg.), f = 2500 MHz, 100
sec Pulse Width, 20% Duty Cycle. [See note on correct biasing sequence.]
Power Gain
Gps
17.0
18.0
20.0
dB
Drain Efficiency
D
64.3
66.8
—
%
Input Return Loss
IRL
—
–12
–9
dB
Load Mismatch/Ruggedness (In NXP Test Fixture, 50 ohm system) IDQ = 350 mA
Frequency
(MHz)
Signal Type
VSWR
Pin
(W)
Test Voltage, VDD
Result
2500
Pulse
(100 sec,
20% Duty Cycle)
> 20:1 at All Phase Angles
5.0 Peak
(3 dB Overdrive)
50
No Device Degradation
Table 5. Ordering Information
Device
Tape and Reel Information
Package
MMRF5014HR5
R5 Suffix = 50 Units, 32 mm Tape Width, 13--inch Reel
NI--360H--2SB
NOTE: Correct Biasing Sequence for GaN Depletion Mode Transistors
Turning the device ON
1. Set VGS to –5 V
2. Turn on VDS to nominal supply voltage (50 V)
3. Increase VGS until IDS current is attained
4. Apply RF input power to desired level
Turning the device OFF
1. Turn RF power off
2. Reduce VGS downto–5V
3. Reduce VDS down to 0 V (Adequate time must be allowed
for VDS to reduce to 0 V to prevent severe damage to device.)
4. Turn off VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com