Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF5014H Datasheet HTML 1Page - NXP Semiconductors MMRF5014H Datasheet HTML 2Page - NXP Semiconductors MMRF5014H Datasheet HTML 3Page - NXP Semiconductors MMRF5014H Datasheet HTML 4Page - NXP Semiconductors MMRF5014H Datasheet HTML 5Page - NXP Semiconductors MMRF5014H Datasheet HTML 6Page - NXP Semiconductors MMRF5014H Datasheet HTML 7Page - NXP Semiconductors MMRF5014H Datasheet HTML 8Page - NXP Semiconductors MMRF5014H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MMRF5014H
5
RF Device Data
NXP Semiconductors
TYPICAL CHARACTERISTICS — 500–2500 MHz
WIDEBAND REFERENCE CIRCUIT
Figure 3. 500–2500 MHz Wideband Circuit Performance
f, FREQUENCY (MHz)
11
400
20
22
21
100 W
Gps
17
19
18
10
70
800
20
30
40
50
60
D
10 W
100 W
VDD =50 Vdc,IDQ = 300 mA, CW
12
14
13
15
16
600
1000 1200 1400 1600
15
25
35
45
55
65
1800 2000 2200 2400 2600
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com