Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF5014H Datasheet HTML 9Page - NXP Semiconductors MMRF5014H Datasheet HTML 10Page - NXP Semiconductors MMRF5014H Datasheet HTML 11Page - NXP Semiconductors MMRF5014H Datasheet HTML 12Page - NXP Semiconductors MMRF5014H Datasheet HTML 13Page - NXP Semiconductors MMRF5014H Datasheet HTML 14Page - NXP Semiconductors MMRF5014H Datasheet HTML 15Page - NXP Semiconductors MMRF5014H Datasheet HTML 16Page - NXP Semiconductors MMRF5014H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MMRF5014H
13
RF Device Data
NXP Semiconductors
Figure 12. MMRF5014H Narrowband Test Circuit Schematic — 2500 MHz
Z1
RF
INPUT
C1
Z2
Z3
Z4
Z5
DUT
Z13
C6
RF
OUTPUT
VBIAS
VSUPPLY
C9
C10
C5
C14
C8
Z9
Z14
C11
R1
+
Z7
C7
Z12
C2
C12
C3
Z8
Z6
Z10
Z11
Z15
C13
Z17
C4
Z16
Description
Microstrip
Description
Microstrip
Z1
1.870 0.064 Microstrip
Z2, Z3
0.030 0.070 Microstrip
Z4
0.105 0.525 Microstrip
Z5*
0.240 0.525 Microstrip
Z6
0.037 0.050 Microstrip
Z7
0.465 0.050 Microstrip
Z8
0.090 0.050 Microstrip
Z9
0.190 0.050 Microstrip
* Line length include microstrip bends
Z10
0.145 0.515 Microstrip
Z11
0.353 0.515 Microstrip
Z12
0.040 0.064 Microstrip
Z13
0.687 0.064 Microstrip
Z14
1.020 0.064 Microstrip
Z15
0.468 0.050 Microstrip
Z16
0.158 0.050 Microstrip
Z17
0.078 0.050 Microstrip
Table 10. MMRF5014H Narrowband Test Circuit Microstrips — 2500 MHz
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com