Electronic Components Datasheet Search
  English  ▼

X  

MMRF5014H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF5014H
Description  RF Power GaN Transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF5014H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF5014H Datasheet HTML 3Page - NXP Semiconductors MMRF5014H Datasheet HTML 4Page - NXP Semiconductors MMRF5014H Datasheet HTML 5Page - NXP Semiconductors MMRF5014H Datasheet HTML 6Page - NXP Semiconductors MMRF5014H Datasheet HTML 7Page - NXP Semiconductors MMRF5014H Datasheet HTML 8Page - NXP Semiconductors MMRF5014H Datasheet HTML 9Page - NXP Semiconductors MMRF5014H Datasheet HTML 10Page - NXP Semiconductors MMRF5014H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MMRF5014H
7
RF Device Data
NXP Semiconductors
Table 7. MMRF5014H Wideband Reference Circuit Component Designations and Values — 200–2500 MHz
Part
Description
Part Number
Manufacturer
B1, B2
Ferrite Beads
T22-6
Micro Metals
C1
56 pF Chip Capacitor
ATC800B560JT500XT
ATC
C2
75 pF Chip Capacitor
ATC800B750JT500XT
ATC
C3
1.6 pF Chip Capacitor
ATC800B1R6BT500XT
ATC
C4
6.8 F Chip Capacitor
C4532X7R1H685K
TDK
C5, C8, C9, C11
0.015 F Chip Capacitors
GRM319R72A153KA01D
Murata
C6, C12
5.6 pF Chip Capacitors
ATC800B5R6BT500XT
ATC
C7, C10
1 F Chip Capacitors
GRM31CR72A105KAO1L
Murata
C13
1.4 pF Chip Capacitor
ATC800B1R4BT500XT
ATC
C14
220 F, 100 V Electrolytic Capacitor
EEV-FK2A221M
Panasonic-ECG
C15, C17
0.9 pF Chip Capacitors
ATC800B0R9BT500XT
ATC
C16
47 pF Chip Capacitor
ATC800B470JT500XT
ATC
L1
12.5 nH Inductor, 4 Turns
A04TJLC
Coilcraft
L2
22 nH Inductor
1812SMS-22NJLC
Coilcraft
Q1
RF Power GaN Transistor
MMRF5014H
NXP
R1, R2
10 , 3/4 W Chip Resistors
CRCW201010R0FKEF
Vishay
R3, R4
39 , 1/4 W Chip Resistors
CRCW120639R0FKEA
Vishay
T1
25  Semi Rigid Coax, 0.770 Shield Length
UT-070-25
Micro--Coax
T2
25  Semi Rigid Coax, 0.850 Shield Length
UT-070-25
Micro--Coax
PCB
Rogers RO4350B, 0.030, r =3.66
D68303
MTL
Note: Refer to MMRF5014H’s printed circuit boards and schematics to download the 200–2500 MHz heatsink drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com