Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 4 Page - NXP Semiconductors

  OL2385 Datasheet HTML 1Page - NXP Semiconductors OL2385 Datasheet HTML 2Page - NXP Semiconductors OL2385 Datasheet HTML 3Page - NXP Semiconductors OL2385 Datasheet HTML 4Page - NXP Semiconductors OL2385 Datasheet HTML 5Page - NXP Semiconductors OL2385 Datasheet HTML 6Page - NXP Semiconductors OL2385 Datasheet HTML 7Page - NXP Semiconductors OL2385 Datasheet HTML 8Page - NXP Semiconductors OL2385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
4 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
4.
Quick reference data
Table 1.
Quick reference data
Parameter
Conditions
Min
Typ
Max
Unit
1
General
1.1
UHF Carrier Frequency
158
960
MHz
1.2
Power Down Current
700
nA
1.3
Supply Voltage
1.9
5.5
V
1.4
Operating Temperature
-40
+85
°C
2
Transmitter
2.1
Supply Current
XTAL
0.25
mA
Tx @ 0 dBm
9
mA
Tx @ 14dBm
29
mA
2.2
Max Output Power
14
dBm
2.3
Phase Noise @ 100 kHz Offset
169 MHz band
-120
dBc/Hz
434 MHz band
-117
dBc/Hz
868 MHz band
-109
dBc/Hz
925 MHz band
-108
dBc/Hz
3
Receiver
3.1
Supply Current
@ 45 kHz BW
11
mA
@ 10 kHz BW
11
mA
3.2
Data Rate
400
kbit/s
3.3
Sensitivity
ASK/OOK @ 10 kHz BW
-123
dBm
3.3.1
FSK @ 50 kHz BW
-112
dBm
3.3.2
FSK @ 10 kHz BW
-124
dBm
3.5
Adjacent channel rejection
868 MHz
>50
dB
3.6
Image channel rejection (calibrated)
60
dB
3.7
Channel Filter Band Width
4
360
kHz
3.8
RSSI
Dynamic Range @ 10kHz BW
120
dB
3.10
Variation
-3
3
dB
4
Micro-controller
4.1
EROM
32
kByte
4.2
Customer RAM
7kByte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com