Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 45Page - NXP Semiconductors OL2385 Datasheet HTML 46Page - NXP Semiconductors OL2385 Datasheet HTML 47Page - NXP Semiconductors OL2385 Datasheet HTML 48Page - NXP Semiconductors OL2385 Datasheet HTML 49Page - NXP Semiconductors OL2385 Datasheet HTML 50Page - NXP Semiconductors OL2385 Datasheet HTML 51Page - NXP Semiconductors OL2385 Datasheet HTML 52Page - NXP Semiconductors OL2385 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
49 of 428
NXP Semiconductors
OL2385
Industrial RF transceiver
25
Delta of current consumption in
ACTIVE state using system
clock divided by 4
EROM execution
-0.1
mA
[2]
26
Current Consumption in idle
mode
CPU idle; XTAL clock;
System clock divided by 2 to
be used.
EROM execution
-40 °C
2
2.2
mA
[2]
25 °C
2
2.4
mA
[2]
85 °C
2.2
2.6
mA
[2]
27
Current Consumption in idle
mode
CPU idle; RC clock; System
clock divided by 2 to be
used.
EROM execution
-40 °C
1.0
1.3
mA
[2]
25 °C
1.2
1.5
mA
[2]
85 °C
1.4
1.7
mA
[2]
28
Delta of current consumption in
IDLE mode using system clock
instead of the system clock
divided by 2.
EROM execution
0.4
mA
[2]
29
Delta of current consumption in
IDLE mode using system clock
instead of the system clock
divided by 4.
EROM execution
0.2
mA
[2]
30
Receiver supply current for
single channel
Channel filter BW = 10 kHz
ACTIVE state;
System clock divided by 2 to
be used.
EROM execution
-40°C
10
10.5
mA
[2]
25 °C
10.5
11.5
mA
[2]
85 °C
11.5
12
mA
[2]
31
Receiver supply current for
single channel
Channel filter BW = 300 kHz
ACTIVE state;
System clock divided by 2 to
be used.
EROM execution
-40°C
8.9
11.5
mA
[2]
25 °C
9.5
11.5
mA
[2]
85 °C
10.1
12
mA
[2]
32
Analog start-up time from XTAL
on to RX ready
From crystal regulator active
to RX ready;
NDK XTAL NX3225SA
270
450
µs
[2]
33
XTAL start-up time
From crystal regulator active
to XTAL ready;
NDK XTAL NX3225SA
150
200
µs
[2]
Table 9.
RX Characteristics - manchester receiver
Following characteristics are valid for conditions as follows (unless otherwise specified)
Tamb = -40 °C to 85 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 870 MHz, crystal = 55.2 MHz
VDD = VDD_IO, VDD_DIG, VDD_XO, VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com