Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 6Page - NXP Semiconductors OL2385 Datasheet HTML 7Page - NXP Semiconductors OL2385 Datasheet HTML 8Page - NXP Semiconductors OL2385 Datasheet HTML 9Page - NXP Semiconductors OL2385 Datasheet HTML 10Page - NXP Semiconductors OL2385 Datasheet HTML 11Page - NXP Semiconductors OL2385 Datasheet HTML 12Page - NXP Semiconductors OL2385 Datasheet HTML 13Page - NXP Semiconductors OL2385 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
10 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
[1]
Pin TEST must be connected to ground in the application.
[2]
The exposed die pad area must be connected to ground.
[3]
VDD_DIGL is the internal supply of the digital part and shall only be externally connected to a blocking
capacitor 15 nF (nominal).
[4]
VDD_DIGL must neither be pulled to high voltages nor to GND
[5]
Do not use VDD_DIGL to supply external devices
[6]
All GND_RF are connected internally
[7]
TXOUT is not to be supplied externally except for an inductor connected to VREGPA
[8]
RST_N shall be connected only with a 4.7 k
Ω resistor in series.
[9]
MSDA features an on-chip pull-up resistor to VDD_IO and may be left open or terminated to VDD_IO, as
desired.
[10] MSCL is an output and shall be unconnected in the application.
P15
25
GPIO, timer input, timer output, USART0, USART1
P14
26
GPIO, timer output, USART0, USART1
P13
27
GPIO, USART0
P12
28
GPIO, wake-up, timer input, USART0, USART1
P11
29
GPIO, fail safe wake-up, timer input, USART0, USART1
P10
30
GPIO, fail safe wake-up, timer output, RX and TX clock output
VDD_IO
31
Power supply for digital I/Os
RST_N [8]
32
Reset input (active low), internal pull-up resistor
MSDA [9]
33
Monitor and debug interface serial data (input/output; internal pull-up in input mode)
MSCL [10]
34
Monitor and debug interface serial clock (output)
P17
35
GPIO, wake-up, timer input, timer output, RX data output, TX data input, USART0,
USART1
P20
36
GPIO, wake-up, timer output, USART1
P21
37
GPIO, GP ADC input NEG
P22
38
GPIO, wake-up, GP ADC input POS, timer output
P23
39
GPIO, wake-up, GP ADC reference voltage, USART1
TEST [1]
40
Test pin (must be connected to ground in the application)
VDD_DIGL [3][4][5]
41
LDO output voltage
GND_DIG
42
Ground (digital)
GND_ADC
43
Ground
IFN_SENSE_IN
44
Selectable ADC negative input / pin used for test purposes
IFP_DCBUS
45
Selectable ADC positive input / pin used for test purposes
VDD_ADC
46
Power supply for ADC in receiver chain
VDD_RF
47
Power supply for receive path
RF_IN_A
48
RF receiver input A (internally multiplexed with RF receiver input B)
Table 4.
Pinning description
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com