Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 5 Page - NXP Semiconductors

  OL2385 Datasheet HTML 1Page - NXP Semiconductors OL2385 Datasheet HTML 2Page - NXP Semiconductors OL2385 Datasheet HTML 3Page - NXP Semiconductors OL2385 Datasheet HTML 4Page - NXP Semiconductors OL2385 Datasheet HTML 5Page - NXP Semiconductors OL2385 Datasheet HTML 6Page - NXP Semiconductors OL2385 Datasheet HTML 7Page - NXP Semiconductors OL2385 Datasheet HTML 8Page - NXP Semiconductors OL2385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
5 of 85
NXP Semiconductors
OL2385
Industrial RF transceiver
5.
Ordering information
[1]
Generic version without preflashed software
[2]
SigFox software stack preflashed
[3]
WMBus 2013 software stack preflashed
[4]
sub-GHz ZigBee MAC layer software stack preflashed
Table 2.
Ordering information
Type number
Package
Name
Description
Version
OL2385AHN/00100[1]
HVQFN48
Plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x 7 x 0.85 mm; terminal pitch 0.5 mm; wettable flanks
SOT619-13
OL2385AHN/001A0[2]
HVQFN48
Plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x 7 x 0.85 mm; terminal pitch 0.5 mm; wettable flanks
SOT619-13
OL2385AHN/001B0[3]
HVQFN48
Plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x 7 x 0.85 mm; terminal pitch 0.5 mm; wettable flanks
SOT619-13
OL2385AHN/001C0[4]
HVQFN48
Plastic thermal enhanced very thin quad flat package; no leads; 48
terminals; body 7 x 7 x 0.85 mm; terminal pitch 0.5 mm; wettable flanks
SOT619-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com