Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 63Page - NXP Semiconductors OL2385 Datasheet HTML 64Page - NXP Semiconductors OL2385 Datasheet HTML 65Page - NXP Semiconductors OL2385 Datasheet HTML 66Page - NXP Semiconductors OL2385 Datasheet HTML 67Page - NXP Semiconductors OL2385 Datasheet HTML 68Page - NXP Semiconductors OL2385 Datasheet HTML 69Page - NXP Semiconductors OL2385 Datasheet HTML 70Page - NXP Semiconductors OL2385 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
67 of 428
NXP Semiconductors
OL2385
Industrial RF transceiver
30
Out of band tx noise @
10000kHz
Application: sensus Band:
413MHz using channel filter
= 10kHz
-140
-132
dBc/Hz [2]
31
ADJACENT CHANNEL
POWER, 412 MHz band,
Sensus
4GFSK, h=0.5, BT=0.5,
Channel spacing 25kHz,
5kChip/s
-65
dBc
[2]
32
Occupied bandwidth, 412 MHz
band, Sensus
4GFSK, h=0.5, BT=0.5,
Channel spacing 25kHz,
5kChip/s
11.3
13
kHz
[2]
Table 25.
TX Characteristics
Following characteristics are valid for conditions as follows (unless otherwise specified)
Tamb = -40 °C to 85 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 413MHz, crystal = 55.2 MHz
VDD = VDD_IO, VDD_DIG, VDD_XO_VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
Table 26.
TX Characteristics
Following characteristics are valid for conditions as follows (unless otherwise specified)
Tamb = -40 °C to 85 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 434MHz, crystal = 55.2 MHz
VDD = VDD_IO, VDD_DIG, VDD_XO_VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
Analog start-up time from XTAL
on to TX ready
From crystal LDO regulator
active to TX ready;
NDK XTAL NX3225SA
250
us
[2]
2
Maximum output power, CW
mode, L-front matching
12.5
14
dBm
[2]
3
Minimum output power, CW
mode, L-front matching
-31
-25
dBm
[2]
4
Variation of maximum output
power over temperature, CW
mode, L-front matching
3.0 V
dB
-40 °C to 25 °C
0.3
1.5
dB
[2]
25 °C to 85 °C
0.3
1.2
dB
[2]
5
Variation of maximum output
power over supply voltage, CW
mode, L-front matching
25 °C 2.5V to 3.6V
0.1
0.5
25 °C 1.9 V to 3.6 V
0.8
3.0
dB
[2]
6
PA output power steps,
0.25
0.5
dB
[2]
7
2nd harmonic, at maximum
output power
Conducted measurement at
50 Ohm
-51
-36
dBm
[2]
8
3rd harmonic, at maximum
output power
Conducted measurement at
50 Ohm
-47
-30
dBm
[2]
9
Spurious emission, at maximum
output power
Conducted measurement at
50 Ohm reference, 47 MHz
to 230 MHz and 470 MHz to
862 MHz
-75
-65
dBm
[2]
10
Spurious emission, at maximum
output power
Conducted measurement at
50 Ohm
Other frequencies below
1GHz
-75
-55
dBm
[2]
11
Spurious emission, at maximum
output power
Conducted measurement at
50 Ohm
1GHz to 12.5GHz
-75
-53
dBm
[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com