Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 1 Page - NXP Semiconductors

  OL2385 Datasheet HTML 1Page - NXP Semiconductors OL2385 Datasheet HTML 2Page - NXP Semiconductors OL2385 Datasheet HTML 3Page - NXP Semiconductors OL2385 Datasheet HTML 4Page - NXP Semiconductors OL2385 Datasheet HTML 5Page - NXP Semiconductors OL2385 Datasheet HTML 6Page - NXP Semiconductors OL2385 Datasheet HTML 7Page - NXP Semiconductors OL2385 Datasheet HTML 8Page - NXP Semiconductors OL2385 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
1.
General information
1.1 General description
The device is a fully integrated single-chip transceiver intended for use in an industrial
environment.
The device incorporates several commonly used building blocks including a crystal
stabilized oscillator, a fractional-N based Phase Locked Loop (PLL) for accurate
frequency selection in both TX and RX, Low Noise Amplifier (LNA), attenuator for
Automatic Gain Control (AGC), I/Q down-mixer and two high resolution Analog to Digital
Converters (ADC).The conversion into the digital domain is done in an early phase,
enabling a software defined radio like approach.
By transforming signals in the digital domain in an early phase, one highly configurable
RX channel is available including channel mixer, channel filter, ASK/FSK demodulator,
clock-data recovery, bit processor and a micro-controller memory interface (DMA)
allowing the micro-controller to complete the data handling and handshaking.
The device has an embedded RISC micro-controller optimized for high performance and
low power as well as an EROM for customer applications. The device also includes a
medium power UHF transmit system with a high dynamic range of -35dBm to +14dBm
which makes it ideal for the use in narrow band communication systems. The TX system
allows transmission with data rates up to 400 kbit/s NRZ.
Power ramping and splatter avoidance filters are included to ensure that the transmit
spectrum fulfills all the common standards in Europe, USA and Asia. The phase noise of
the transmitter supports ARIB operation.
The device includes a series of timers to allow for autonomous polling and wake-up
applications. The TX and RX data buffers are located in the RAM with autonomous direct
memory access (DMA), reducing the 'real-time' overhead for the accompanying
micro-controller. The device can be interfaced via SPI, UART or LIN protocol compatible
UART. Simplified programming of the device is facilitated by the HAL (Hardware
Abstraction Layer).
The transceiver is configured to operate with low active and standby power consumption,
ideal for battery powered applications.
OL2385
Industrial RF transceiver
Rev. 1.0 — 15 June 2016
Product data sheet
COMPANY PUBLIC


Similar Part No. - OL2385

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OL2385SWUG NXP-OL2385SWUG Datasheet
10Mb / 64P
SIGFOX software driver
Rev. 2.1-6 April 2018
More results

Similar Description - OL2385

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
3CW40-000H3 CPI-3CW40-000H3 Datasheet
88Kb / 1P
RF Industrial oscillator
3CW45-000H3 CPI-3CW45-000H3 Datasheet
89Kb / 1P
RF Industrial oscillator
3CW150-000H3 CPI-3CW150-000H3 Datasheet
87Kb / 1P
RF Industrial Oscillator
3CX1000A3 CPI-3CX1000A3 Datasheet
93Kb / 1P
RF Industrial oscillator
3CX2500A3 CPI-3CX2500A3 Datasheet
90Kb / 1P
RF Industrial oscillator
3CX2500F3 CPI-3CX2500F3 Datasheet
88Kb / 1P
RF Industrial Oscillator
3CX2500H3 CPI-3CX2500H3 Datasheet
88Kb / 1P
RF Industrial oscillator
logo
Texas Instruments
SN55HVD251 TI1-SN55HVD251 Datasheet
927Kb / 27P
INDUSTRIAL CAN TRANSCEIVER
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com