Electronic Components Datasheet Search
  English  ▼

X  

OL2385 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # OL2385
Description  Industrial RF transceiver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button OL2385 Datasheet HTML 51Page - NXP Semiconductors OL2385 Datasheet HTML 52Page - NXP Semiconductors OL2385 Datasheet HTML 53Page - NXP Semiconductors OL2385 Datasheet HTML 54Page - NXP Semiconductors OL2385 Datasheet HTML 55Page - NXP Semiconductors OL2385 Datasheet HTML 56Page - NXP Semiconductors OL2385 Datasheet HTML 57Page - NXP Semiconductors OL2385 Datasheet HTML 58Page - NXP Semiconductors OL2385 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
OL2385
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 1.0 — 15 June 2016
55 of 428
NXP Semiconductors
OL2385
Industrial RF transceiver
12
Current consumption
System clock to be used.
11
11.5
mA
[2]
13
Current consumption
System clock divided by 2 to
be used.
10
11
mA
[2]
14
Current consumption
System clock divided by 4 to
be used.
9.5
10.5
mA
[2]
Table 16.
RX Characteristics - Wireless MBUS mode N
Following characteristics are valid for conditions as follows (unless otherwise specified)
2GFSK modulation, h = 2.0, BT = 0.5, frequency deviation = 2.4 kHz, NRZ, data-rate = 2.4 kChips/s, Channel spacing =
12.5kHz, Channel filter bandwidth = 12kHz, Frame Error Rate (FER) = 80%, payload length = 20 byte, crystal = 55.2 MHz.
Tamb = 25 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 169.5MHz
VDD = VDD_IO, VDD_DIG, VDD_XO, VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
Table 17.
RX Characteristics - Wireless MBUS mode F
Following characteristics are valid for conditions as follows (unless otherwise specified)
2FSK modulation, frequency deviation = 5.5 kHz, NRZ, data-rate = 2.4 kChips/s, Channel spacing = 50kHz, Channel filter
bandwidth = 24 kHz, Frame Error Rate (FER) = 80%, payload length = 20 byte, crystal = 55.2 MHz.
Tamb = 25 °C, VSS = 0 V, VDD = 2.5 V to 3.6 V, fC = 434 MHz
VDD = VDD_IO, VDD_DIG, VDD_XO, VDD_RF, VDD_ADC, VDD_PA
Nr.
Description
Conditions
Min
Typ
Max
Unit
Note
1
Sensitivity
-40 °C to 85 °C
-117
-114
dBm
[2]
2
Co-channel rejection
GFSK jammer - same
modulation as wanted.
25dB
[5]
3
Co-channel rejection
CW jammer
2
5
dB
[5]
4
Adjacent channel rejection
Channel filter BW = 24 kHz,
jammer same modulation as
wanted. Channel separation:
870 kHz
65
70
dB
[5]
5
Adjacent channel rejection
Channel filter BW = 24 kHz,
jammer modulation CW.
Channel separation: 870
kHz
65
70
dB
[5]
6
Blocking
2 MHz
70
75
dB
[5]
7
Blocking
2 MHz (LBT)
70
75
dB
[5]
8
Blocking
6 MHz
75
80
dB
[5]
9
Blocking
10 MHz
75
80
dB
[5]
10
Blocking
10 MHz (LBT)
80
85
dB
[5]
11
Blocking
20 MHz
80
85
dB
[5]
12
Current consumption
System clock to be used.
11
12
mA
[2]
13
Current consumption
System clock divided by 2 to
be used.
10.5
11.5
mA
[2]
14
Current consumption
System clock divided by 4 to
be used.
10
11
mA
[2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com