Electronic Components Datasheet Search
  English  ▼

X  

LAN91C110 Datasheet(PDF) 21 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LAN91C110 Datasheet HTML 17Page - SMSC Corporation LAN91C110 Datasheet HTML 18Page - SMSC Corporation LAN91C110 Datasheet HTML 19Page - SMSC Corporation LAN91C110 Datasheet HTML 20Page - SMSC Corporation LAN91C110 Datasheet HTML 21Page - SMSC Corporation LAN91C110 Datasheet HTML 22Page - SMSC Corporation LAN91C110 Datasheet HTML 23Page - SMSC Corporation LAN91C110 Datasheet HTML 24Page - SMSC Corporation LAN91C110 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 21
Rev. 09/05/02
All memory related information is represented in 256 * M byte units, where the multiplier M is determined by the MCR
upper byte.
These register default to FFh, which should be interpreted as 256.
BANK 0
OFFSET
NAME
TYPE
SYMBOL
A
MEMORY CONFIGURATION
REGISTER
Lower Byte -
READ/WRITE
Upper Byte -
READ ONLY
MCR
HIGH
BYTE
MEMORY SIZE MULTIPLIER
0
0
1
1
0
1
0
1
LOW
BYTE
MEMORY RESERVED FOR TRANSMIT (IN BYTES * 256 * M)
0
0
0
0
0
0
0
0
MEMORY RESERVED FOR TRANSMIT - Programming this value allows the host CPU to reserve memory to be used
later for transmit, limiting the amount of memory that receive packets can use. When programmed for zero, the memory
allocation between transmit and receive is completely dynamic. When programmed for a non-zero value, the allocation is
dynamic if the free memory exceeds the programmed value, while receive allocation requests are denied if the free
memory is less or equal to the programmed value. This register defaults to zero upon reset. It is not affected by the
RESET MMU command.
The value written to the MCR is a reserved memory space IN ADDITION TO ANY MEMORY CURRENTLY IN USE. If the
memory allocated for transmit plus the reserved space for transmit is required to be constant (rather than grow with
transmit allocations) the CPU should update the value of this register after allocating or releasing memory.
The contents of the MIR as well as the low byte of the MCR are specified in units of 256 * M bytes, where M is the
Memory Size Multiplier. M=2 for the LAN91C110. A value of 04h in the lower byte of the MCR is equal to one 2K page (4
* 256 *2 = 2K); since memory must be reserved in multiples of pages, bits 0 and 1 of the MCR should be written to 1 only
when the entire memory is being reserved for transmit (i.e., low byte of MCR = FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com