Electronic Components Datasheet Search
  English  ▼

X  

LAN91C110 Datasheet(PDF) 6 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button LAN91C110 Datasheet HTML 2Page - SMSC Corporation LAN91C110 Datasheet HTML 3Page - SMSC Corporation LAN91C110 Datasheet HTML 4Page - SMSC Corporation LAN91C110 Datasheet HTML 5Page - SMSC Corporation LAN91C110 Datasheet HTML 6Page - SMSC Corporation LAN91C110 Datasheet HTML 7Page - SMSC Corporation LAN91C110 Datasheet HTML 8Page - SMSC Corporation LAN91C110 Datasheet HTML 9Page - SMSC Corporation LAN91C110 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 6
Rev. 09/05/02
144 TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
86,84,85,
75,72,80, 82-
83,81, 77,74-
73, 71-70,67
RAM
Address
Bus
RA[16:2]
O4
Outputs. This bus specifies the buffer RAM
doubleword being accessed by the LAN91C110.
78
nROE
O4
Output. Active low signal used to read a
doubleword from buffer RAM.
24,44,58, 68
nRWE[3:0]
O4
Outputs. Active low signals used to write any
byte, word or dword in RAM.
2
3
Crystal 1
Crystal 2
XTAL1
XTAL2
Iclk
An external 25 MHz crystal is connected across
these pins. If a TTL clock is supplied instead, it
should be connected to XTAL1 and XTAL2 should
be left open.
1
nLink
Status
nLNK
I with pullup Input. General purpose input port used to convey
LINK status (EPHSR bit 14).
139
AUI Select AUISEL
O4
Output. Non volatile output pin. Driven by AUI
SELECT (CONFIG bit 8).
23
Transmit
Enable
MII
TXEN100
O12
Output to MII PHY. Envelope to 100 Mbps
transmission.
12
Carrier
Sense MII
CRS100
I with
pulldown
Input from MII PHY. Envelope of packet reception
used for deferral and backoff purposes.
8
Receive
Data Valid
RX_DV
I with
pulldown
Input from MII PHY. Envelope of data valid
reception. Used for receive data framing.
11
Collision
Detect MII
COL100
I with
pulldown
Input from MII PHY. Collision detection input.
18,19,21, 22 Transmit
Data
TXD[3:0]
O12
Outputs. Transmit Data nibble to MII PHY.
6
Transmit
Clock
TX25
I with pullup Input. Transmit clock input from MII. Nibble rate
clock (25 MHz).
10
Receive
Clock
RX25
I with pullup Input. Receive clock input from MII PHY. Nibble
rate clock.
16-13
Receive
Data
RXD[3:0]
I
Inputs. Received Data nibble from MII PHY.
141
Manage-
ment Data
Input
MDI
I with
pulldown
MII management data input.
140
Manage-
ment Data
Output
MDO
O4
MII management data output.
137
Manage-
ment
Clock
MCLK
O4
MII management clock.
7
Receive
Error
RX_ER
I with
pulldown
Input. Indicates a code error detected by PHY.
Used by the LAN91C110 to discard the packet
being received. The error indication reported for
this event is the same as a bad CRC (Receive
Status Word bit 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com