Electronic Components Datasheet Search
  English  ▼

X  

LAN91C110 Datasheet(PDF) 27 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button LAN91C110 Datasheet HTML 23Page - SMSC Corporation LAN91C110 Datasheet HTML 24Page - SMSC Corporation LAN91C110 Datasheet HTML 25Page - SMSC Corporation LAN91C110 Datasheet HTML 26Page - SMSC Corporation LAN91C110 Datasheet HTML 27Page - SMSC Corporation LAN91C110 Datasheet HTML 28Page - SMSC Corporation LAN91C110 Datasheet HTML 29Page - SMSC Corporation LAN91C110 Datasheet HTML 30Page - SMSC Corporation LAN91C110 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 27
Rev. 09/05/02
1. Allocate Command
2. Poll ALLOC_INT bit until set
3. Read Allocation Result Register
ALLOCATED PACKET NUMBER - Packet number associated with the last memory allocation request. The value is only
valid if the FAILED bit is clear.
Note: For software compatibility with future versions, the value read from the ARR after an allocation request is intended
to be written into the PNR as is, without masking higher bits (provided FAILED = 0).
BANK 2
OFFSET
NAME
TYPE
SYMBOL
4
FIFO PORTS REGISTER
READ ONLY
FIFO
This register provides access to the read ports of the Receive FIFO and the Transmit completion FIFO. The packet
numbers to be processed by the interrupt service routines are read from this register.
HIGH
BYTE
REMPTY
0
RX FIFO PACKET NUMBER
1
0
0
0
0
0
0
0
LOW
BYTE
TEMPTY
0
TX FIFO PACKET NUMBER
1
0
0
0
0
0
0
0
REMPTY - No receive packets queued in the RX FIFO. For polling purposes, uses the RCV_INT bit in the Interrupt Status
Register.
TOP OF RX FIFO PACKET NUMBER - Packet number presently at the output of the RX FIFO. Only valid if REMPTY is
clear. The packet is removed from the RX FIFO using MMU Commands 3) or 4).
TEMPTY - No transmit packets in completion queue. For polling purposes, uses the TX_INT bit in the Interrupt Status
Register.
TX FIFO PACKET NUMBER - Packet number presently at the output of the TX FIFO. Only valid if TEMPTY is clear. The
packet is removed when a TX INT acknowledge is issued.
Note: For software compatibility with future versions, the value read from each FIFO register is intended to be written into
the PNR as is, without masking higher bits (provided TEMPTY and REMPTY = 0 respectively).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com