Electronic Components Datasheet Search
  English  ▼

X  

LAN91C110 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN91C110 Datasheet HTML 1Page - SMSC Corporation LAN91C110 Datasheet HTML 2Page - SMSC Corporation LAN91C110 Datasheet HTML 3Page - SMSC Corporation LAN91C110 Datasheet HTML 4Page - SMSC Corporation LAN91C110 Datasheet HTML 5Page - SMSC Corporation LAN91C110 Datasheet HTML 6Page - SMSC Corporation LAN91C110 Datasheet HTML 7Page - SMSC Corporation LAN91C110 Datasheet HTML 8Page - SMSC Corporation LAN91C110 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
SMSC DS – LAN91C110 REV. B
Page 1
Rev. 09/05/02
LAN91C110 REV. B
PRELIMINARY
FEAST Fast Ethernet Controller
for PCMCIA and Generic 16-Bit Applications
FEATURES
Dual Speed CSMA/CD Engine (10 Mbps and 100
Mbps)
Compliant with IEEE 802.3 100BASE-T
Specification
Supports 100BASE-TX, 100BASE-T4
16 Bit Wide Data Path (into Packet Buffer Memory)
Generic 16-bit System Level Interface Easily
Adaptable to ISA, PCMCIA (16-bit CardBus), and
Various CPU System Interfaces
Support for 16 and 8 Bit CPU Accesses
Asynchronous Bus Interface
128 Kbyte External Memory
Built-in Transparent Arbitration for Slave Sequential
Access Architecture
Early TX, Early RX Functions
Flat MMU Architecture with Symmetric Transmit
and Receive Structures and Queues
IEEE-802.3 MII (Media Independent Interface)
Compliant MAC-PHY Interface Running at Nibble
Rate
MII Management Serial Interface
IEEE-802.3u Full Duplex Capability
144 Pin TQFP Package (1.0 Millimeter Height)
GENERAL DESCRIPTION
The LAN91C110 is designed to facilitate the implementation of second generation Fast Ethernet PC Card adapters and
other non-PCI connectivity products. The LAN91C110 is a digital device that implements the Media Access Control (MAC)
portion of the CSMA/CD protocol at 10 and 100 Mbps, and couples it with a lean and fast data and control path system
architecture to ensure that the CPU to packet RAM data movement does not cause a bottleneck at 100 Mbps.
The LAN91C110 implements a generic 16-bit host interface which is adaptable to a wide range of system buses and
CPUs. This makes the LAN91C110 ideal for 10/100 Fast Ethernet implementations in systems based on system buses
other than PCI.
Total memory size is 128 Kbytes, equivalent to a total chip storage (transmit plus receive) of 64 outstanding packets. The
LAN91C110 is software compatible with the LAN9000 family of products in the default mode and can use existing
LAN9000 drivers (ODI, IPX, and NDIS) with minor modifications in 16 and 32 bit Intel X86 based environments.
Memory management is handled using a unique patented MMU (Memory Management Unit) architecture and an
internal 32-bit wide data path. This I/O mapped architecture can sustain back-to-back frame transmission and
reception for superior data throughput and optimal performance. It also dynamically allocates buffer memory in an
efficient buffer utilization scheme, reducing software tasks and relieving the host CPU from performing these
housekeeping functions. The total memory size is 128 Kbytes (external), equivalent to a total chip storage (transmit
and receive) of 64 outstanding packets.
FEAST provides a flexible slave interface for easy connectivity with industry-standard buses. The host interface is
“ISA-like” and is easily adapted to a wide range of system and CPU buses such as ISA, PCMCIA, etc.
An IEEE-802.3 compliant Media Independent Interface (MII) provided on the network side of the LAN91C110. The MII
interface allows the use of a wide range of MII compliant Physical Layer (PHY) devices to be used with the LAN91C110.
The LAN91C110 also provides an interface to the two-line MII serial management protocol.


Similar Part No. - LAN91C110

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN91C110-PU SMSC-LAN91C110-PU Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
More results

Similar Description - LAN91C110

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
91C100FDREVB SMSC-91C100FDREVB Datasheet
423Kb / 68P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
FAST ETHERNET PCMCIA LAN CONTROLLER
SMC91C100 ETC1-SMC91C100 Datasheet
411Kb / 83P
FEAST Fast Ethernet Controller
logo
SMSC Corporation
LAN91C100 SMSC-LAN91C100 Datasheet
347Kb / 101P
FEAST??Fast Ethernet Controller
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C110 SMSC-LAN91C110_08 Datasheet
381Kb / 56P
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com