Electronic Components Datasheet Search
  English  ▼

X  

LAN91C110 Datasheet(PDF) 34 Page - SMSC Corporation

Part # LAN91C110
Description  FEAST FAST ETHERNET CONTROLLER FOR PCMCIA AND GENERIC 16-BIT APPLICATIONS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C110 Datasheet(HTML) 34 Page - SMSC Corporation

Back Button LAN91C110 Datasheet HTML 30Page - SMSC Corporation LAN91C110 Datasheet HTML 31Page - SMSC Corporation LAN91C110 Datasheet HTML 32Page - SMSC Corporation LAN91C110 Datasheet HTML 33Page - SMSC Corporation LAN91C110 Datasheet HTML 34Page - SMSC Corporation LAN91C110 Datasheet HTML 35Page - SMSC Corporation LAN91C110 Datasheet HTML 36Page - SMSC Corporation LAN91C110 Datasheet HTML 37Page - SMSC Corporation LAN91C110 Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
FEAST Fast Ethernet Controller for PCMCIA and Generic 16-Bit Applications
SMSC DS – LAN91C110 REV. B
Page 34
Rev. 09/05/02
CHIP ID VALUE
DEVICE
3
LAN91C90/LAN91C92
4
LAN91C94
5
LAN91C95
4*
LAN91C96
7
LAN91C100
8
LAN91C100FD
9
LAN91C110
*Note: Shares the chip ID with the LAN91C94. Distinction is made by the revision ID. Revision ID of 6 or
higher represents the LAN91C96.
OFFSET
NAME
TYPE
SYMBOL
C
EARLY RCV REGISTER
READ/WRITE
ERCV
HIGH
BYTE
0
0
0
0
0
0
0
0
LOW
BYTE
RCV
DISCRD
Reserved
Reserved
ERCV THRESHOLD
0
0
0
1
1
1
1
1
RCV DISCRD - Set to discard a packet being received. Will discard packets only in the process of being received. When
set prior to the end of receive packet, bit 4 (RXOVRN) of the interrupt status register will be set to indicate that the packet
was discarded. Otherwise, the packet will be received normally and bit 0 set (RCVINT) in the interrupt status register.
RCV DISCRD is self clearing.
ERCV THRESHOLD - Threshold for ERCV interrupt. Specified in 64 byte multiples.
Whenever the number of bytes written in memory for the presently received packet exceeds the ERCV THRESHOLD,
ERCV INT bit of the INTERRUPT STATUS REGISTER is set.
BANK7
OFFSET
NAME
TYPE
SYMBOL
0 THROUGH 7
EXTERNAL REGISTERS
nCSOUT is driven low by the LAN91C110 when a valid access to the EXTERNAL REGISTER range occurs.
HIGH
BYTE
EXTERNAL R/W REGISTER
LOW
BYTE
EXTERNAL R/W REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com